Electronic Components Datasheet Search
  English  ▼

X  

IRF9358TRPBF. Datasheet(PDF) 5 Page - International Rectifier

Part # IRF9358TRPBF.
Description  Industry-Standard SO-8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9358TRPBF. Datasheet(HTML) 5 Page - International Rectifier

  IRF9358TRPBF. Datasheet HTML 1Page - International Rectifier IRF9358TRPBF. Datasheet HTML 2Page - International Rectifier IRF9358TRPBF. Datasheet HTML 3Page - International Rectifier IRF9358TRPBF. Datasheet HTML 4Page - International Rectifier IRF9358TRPBF. Datasheet HTML 5Page - International Rectifier IRF9358TRPBF. Datasheet HTML 6Page - International Rectifier IRF9358TRPBF. Datasheet HTML 7Page - International Rectifier IRF9358TRPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRF9358PbF
www.irf.com
5
Fig 14. Maximum Avalanche Energy vs. Drain Current
Fig 12. On-Resistance vs. Gate Voltage
Fig 13. Typical On-Resistance vs. Drain Current
Fig 15
. Typical Power vs. Time
* Reverse Polarity of D.U.T for P-Channel
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
* VGS = 5V for Logic Level Devices
*
Inductor Current
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer
• di/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
+
-
+
+
+
-
-
-
ƒ
„
‚
RG
VDD
D.U.T
*

Fig 16.
Diode Reverse Recovery Test Circuit for P-Channel HEXFET® Power MOSFETs
2
4
6
8
10
12
14
16
18
20
-VGS, Gate -to -Source Voltage (V)
0
10
20
30
40
50
TJ = 125°C
TJ = 25°C
ID = -9.2A
0
10
20
30
40
50
60
70
-ID, Drain Current (A)
10
20
30
40
50
VGS = -10V
VGS = -4.5V
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
200
400
600
800
1000
ID
TOP
-0.9A
-1.5A
BOTTOM -7.3A
1E-5
1E-4
1E-3
1E-2
1E-1
1E+0
Time (sec)
0
200
400
600
800
1000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com