Electronic Components Datasheet Search
  English  ▼

X  

IRF9358TRPBF. Datasheet(PDF) 6 Page - International Rectifier

Part # IRF9358TRPBF.
Description  Industry-Standard SO-8 Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9358TRPBF. Datasheet(HTML) 6 Page - International Rectifier

  IRF9358TRPBF. Datasheet HTML 1Page - International Rectifier IRF9358TRPBF. Datasheet HTML 2Page - International Rectifier IRF9358TRPBF. Datasheet HTML 3Page - International Rectifier IRF9358TRPBF. Datasheet HTML 4Page - International Rectifier IRF9358TRPBF. Datasheet HTML 5Page - International Rectifier IRF9358TRPBF. Datasheet HTML 6Page - International Rectifier IRF9358TRPBF. Datasheet HTML 7Page - International Rectifier IRF9358TRPBF. Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
IRF9358PbF
6
www.irf.com
Fig 17a. Gate Charge Test Circuit
Fig 17b. Gate Charge Waveform
Fig 18b. Unclamped Inductive Waveforms
Fig 18a. Unclamped Inductive Test Circuit
Fig 19b. Switching Time Waveforms
Fig 19a. Switching Time Test Circuit
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
S
RG
IAS
0.01Ω
tp
D.U.T
L
VDS
VDD
DRIVER
A
15V
-20V
-VGS
VDS
-VGS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
tp
V(BR)DSS
IAS
VDS
90%
10%
VGS
td(on)
tr
td(off) tf



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com