Electronic Components Datasheet Search
  English  ▼

X  

IRFH4253DPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRFH4253DPBF
Description  Control and synchronous MOSFETs in one package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4253DPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRFH4253DPBF Datasheet HTML 3Page - International Rectifier IRFH4253DPBF Datasheet HTML 4Page - International Rectifier IRFH4253DPBF Datasheet HTML 5Page - International Rectifier IRFH4253DPBF Datasheet HTML 6Page - International Rectifier IRFH4253DPBF Datasheet HTML 7Page - International Rectifier IRFH4253DPBF Datasheet HTML 8Page - International Rectifier IRFH4253DPBF Datasheet HTML 9Page - International Rectifier IRFH4253DPBF Datasheet HTML 10Page - International Rectifier IRFH4253DPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
 
IRFH4253DPbF
7
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 21, 2014
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
ID = 35µA
25
50
75
100
125
150
TC , Case Temperature (°C)
0
10
20
30
40
50
60
70
Limited By Package
Fig 19. Maximum Drain Current vs. Case Temperature
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
ID
TOP
7.7A
12A
BOTTOM 30A
Fig 21. Threshold Voltage vs. Temperature
-75 -50 -25
0
25
50
75 100 125 150
TJ , Temperature ( °C )
0.0
0.4
0.8
1.2
1.6
2.0
ID = 100µA
25
50
75
100
125
150
TC , Case Temperature (°C)
0
20
40
60
80
100
120
140
160
Limited By Package
Fig 20. Maximum Drain Current vs. Case Temperature
25
50
75
100
125
150
Starting TJ , Junction Temperature (°C)
0
500
1000
1500
2000
2500
ID
TOP
7.6A
17A
BOTTOM 60A
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
Q1 - Control FET
Q2 - Synchronous FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com