Electronic Components Datasheet Search
  English  ▼

X  

IRFH4253DPBF Datasheet(PDF) 13 Page - International Rectifier

Part # IRFH4253DPBF
Description  Control and synchronous MOSFETs in one package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFH4253DPBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IRFH4253DPBF Datasheet HTML 5Page - International Rectifier IRFH4253DPBF Datasheet HTML 6Page - International Rectifier IRFH4253DPBF Datasheet HTML 7Page - International Rectifier IRFH4253DPBF Datasheet HTML 8Page - International Rectifier IRFH4253DPBF Datasheet HTML 9Page - International Rectifier IRFH4253DPBF Datasheet HTML 10Page - International Rectifier IRFH4253DPBF Datasheet HTML 11Page - International Rectifier IRFH4253DPBF Datasheet HTML 12Page - International Rectifier IRFH4253DPBF Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
 
IRFH4253DPbF
13
www.irf.com
© 2014 International Rectifier
Submit Datasheet Feedback
May 21, 2014
Revision History
Date
Comments
08/06/2013
 Added the FastIRFET logo, on page 1.
 Changed the package limitation current from 45A to 35A, on page 1.
 Added the part marking drawing, on page 11.
01/16/2014
 Updated the MSL level from MSL2 to MSL1, on page 1 & 12.
05/21/2014
 Updated fig. 25 to show the max avalanche plateau at 35A, on page 8.
 Corrected fig. 26 to cap the curves at package limitation current of 35A, on page 8.
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com