Electronic Components Datasheet Search
  English  ▼

X  

2SA2186 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SA2186
Description  Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2186 Datasheet(HTML) 1 Page - ON Semiconductor

  2SA2186 Datasheet HTML 1Page - ON Semiconductor 2SA2186 Datasheet HTML 2Page - ON Semiconductor 2SA2186 Datasheet HTML 3Page - ON Semiconductor 2SA2186 Datasheet HTML 4Page - ON Semiconductor 2SA2186 Datasheet HTML 5Page - ON Semiconductor 2SA2186 Datasheet HTML 6Page - ON Semiconductor 2SA2186 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
82912 TKIM TC-00002807/D2805EA MSIM TB-00001911 No. A0269-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
2SA2186
Bipolar Transistor
-50V, -2A, Low VCE(sat), PNP Single NMP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Applicaitons
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment
Features
•
Adoption of MBIT processes
•
Large current capacity
•
Low collector-to-emitter saturation voltage
•
High-speed switching
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--50
V
Collector-to-Emitter Voltage
VCEO
--50
V
Emitter-to-Base Voltage
VEBO
--6
V
Collector Current
IC
--2
A
Collector Current (Pulse)
ICP
--4
A
Base Current
IB
--400
mA
Collector Dissipation
PC
0.9
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7540-001
Ordering number : ENA0269A
Product & Package Information
• Package : NMP(Taping)
• JEITA, JEDEC : SC-71
• Minimum Packing Quantity : 2,500 pcs./box
Marking(NMP(Taping))
Electrical Connection
1 : Emitter
2 : Collector
3 : Base
NMP(Taping)
6.9
3
2
1
2.5
1.05
1.45
2.54
2.54
0.6
0.45
0.5
0.9
2SA2186-AN
A2186
LOT No.
2
1
3


Similar Part No. - 2SA2186

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2186 SANYO-2SA2186 Datasheet
36Kb / 4P
PNP Epitaxial Planar Silicon Transistor High-Current Switching Applications
More results

Similar Description - 2SA2186

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5994-TD-E ONSEMI-2SC5994-TD-E Datasheet
327Kb / 7P
Bipolar Transistor 50V, 2A, Low VCE(sat), NPN Single PCP
September, 2013
2SD1623T-TD-E ONSEMI-2SD1623T-TD-E Datasheet
368Kb / 8P
Bipolar Transistor (??50V, (??2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SA1770 ONSEMI-2SA1770 Datasheet
609Kb / 7P
Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
August, 2013
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SA2127 ONSEMI-2SA2127 Datasheet
462Kb / 9P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single MP
September, 2013
2SA2153 ONSEMI-2SA2153 Datasheet
325Kb / 6P
Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SB1123 ONSEMI-2SB1123 Datasheet
368Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
MCH3145 ONSEMI-MCH3145 Datasheet
436Kb / 8P
Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single MCPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com