Electronic Components Datasheet Search
  English  ▼

X  

2SA2186 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SA2186
Description  Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SA2186 Datasheet(HTML) 4 Page - ON Semiconductor

  2SA2186 Datasheet HTML 1Page - ON Semiconductor 2SA2186 Datasheet HTML 2Page - ON Semiconductor 2SA2186 Datasheet HTML 3Page - ON Semiconductor 2SA2186 Datasheet HTML 4Page - ON Semiconductor 2SA2186 Datasheet HTML 5Page - ON Semiconductor 2SA2186 Datasheet HTML 6Page - ON Semiconductor 2SA2186 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA2186
No. A0269-4/7
--0.01
2
--0.1
7
5
3
2
2
--1.0
7
5
3
--1.0
--0.1
2
2
5
3
7
--10
2
5
3
7
5
3
7
ICP= --4.0A
100ms
1ms
IC= --2.0A
IT10535
500
μs
<10
μs
DC
operation
10ms
3
--1.0
3
Ta= --25°C
25
°C
75°C
2
7
5
IC / IB=20
IT10534
--0.01
3
25
--0.1
72
3
2
3
5
--1.0
7
7
5
3
0
1.0
0.3
0.4
0.5
0.6
0.9
0.8
0.7
0.2
0.1
20
060
40
80
100
140
120
160
IT10525
A S O
PC -- Ta
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
Ta=25
°C
Single Pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com