Electronic Components Datasheet Search
  English  ▼

X  

2SD1815 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD1815
Description  Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1815 Datasheet(HTML) 3 Page - ON Semiconductor

  2SD1815 Datasheet HTML 1Page - ON Semiconductor 2SD1815 Datasheet HTML 2Page - ON Semiconductor 2SD1815 Datasheet HTML 3Page - ON Semiconductor 2SD1815 Datasheet HTML 4Page - ON Semiconductor 2SD1815 Datasheet HTML 5Page - ON Semiconductor 2SD1815 Datasheet HTML 6Page - ON Semiconductor 2SD1815 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SB1215/2SD1815
No.2539-3/7
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VCE
Collector to Emitter Voltage, VCE -- V
IC -- VBE
Base to Emitter Voltage, VBE -- V
IC -- VBE
Base to Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
2.0
1.6
1.2
0.8
0.4
12
4
35
0
0
ITR09234
2SD1815
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--1
--2
--4
--3
--5
ITR09233
2SB1215
IB=0
--2mA
--6mA
--12mA
--18mA
--20mA
--10mA
--8mA
--4mA
IB=0
2mA
4mA
6mA
8mA
10mA
14mA
16mA
18mA
20mA
12mA
--14mA
2SD1815
VCE=5V
100
--0.01
1000
5
3
2
5
10
3
2
5
5
--0.1
23
5
2
3
5
--1.0
23
5
--10
2SB1215
VCE= --5V
ITR09239
Ta=75
°C
25
°C
--25
°C
100
0.01
1000
5
10
3
2
7
5
3
2
7
7
5
5
0.1
10
23
5
2
3
5
23
5
1.0
ITR09240
Ta=75
°C
25
°C
--25
°C
1.0
0.8
0.6
0.4
0.2
10
20
40
30
50
0
0
ITR09236
2SD1815
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--10
--20
--40
--30
--50
ITR09235
2SB1215
IB=0
--0.5mA
--1.5mA
--4.0mA
--3.5mA
--3.0mA
--2.5mA
--2.0mA
--1.0mA
IB=0
0.5mA
1.0mA
2.0mA
2.5mA
1.5mA
3.0mA
3.5mA
4.0mA
4.5mA
5.0mA
--3.5
--3.0
--2.5
--2.0
--1.5
--1.0
--0.5
0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
ITR09237
2SB1215
VCE= --5V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
ITR09238
2SD1815
VCE=5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com