Electronic Components Datasheet Search
  English  ▼

X  

2SD1815 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SD1815
Description  Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1815 Datasheet(HTML) 4 Page - ON Semiconductor

  2SD1815 Datasheet HTML 1Page - ON Semiconductor 2SD1815 Datasheet HTML 2Page - ON Semiconductor 2SD1815 Datasheet HTML 3Page - ON Semiconductor 2SD1815 Datasheet HTML 4Page - ON Semiconductor 2SD1815 Datasheet HTML 5Page - ON Semiconductor 2SD1815 Datasheet HTML 6Page - ON Semiconductor 2SD1815 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1215/2SD1815
No.2539-4/7
Ambient Temperature, Ta --
°C
PC -- Ta
0
20
40
60
80
100
120
140
160
0
200
400
600
800
ITR03230
Base to Emitter Voltage, VBE -- V
IC -- VBE
Collector to Base Voltage, VCB -- V
Cob -- VCB
Collector Current, IC -- mA
hFE -- IC
f T -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
VCE(sat) -- IC
Collector to Emitter Voltage, VCE -- V
S O A
ITR03225
ITR03222
ITR03223
10
100
23
35
7
1000
7
57
2
2
35
7
10
5
7
100
5
3
7
1000
5
3
2
2
3
1.0
10
23
5
7
57
2
100
72
35
7
10
1.0
5
7
100
5
3
2
3
2
0
0.2
0.4
0.6
0.8
1.0
1.2
0
200
400
600
800
1000
VCE=5V
ITR03227
10
3
57
100
23
5
7
1000
7
5
2
10
7
100
5
3
5
3
2
2
VCE=10V
5V
57
10
7 100
23
35
7 1000
22
35
0.1
3
5
2
1.0
3
5
2
10
3
5
2
IC / IB=10
DC
operation
10ms
100ms
10
1.0
3
5
2
3
5
3
5
3
5
100
7
2
2
3
2
3
5
7
35
10
2
2
100
1000
ICP=1.5A
IC=0.7A
1ms
ITR03228
ITR03229
Pulse
Ta=25
°C
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com