Electronic Components Datasheet Search
  English  ▼

X  

2SD1618 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2SD1618
Description  Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1618 Datasheet(HTML) 2 Page - ON Semiconductor

  2SD1618 Datasheet HTML 1Page - ON Semiconductor 2SD1618 Datasheet HTML 2Page - ON Semiconductor 2SD1618 Datasheet HTML 3Page - ON Semiconductor 2SD1618 Datasheet HTML 4Page - ON Semiconductor 2SD1618 Datasheet HTML 5Page - ON Semiconductor 2SD1618 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1618
No.1784-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=15V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
μA
DC Current Gain
hFE1VCE=2V, IC=50mA
140*
560*
hFE2VCE=2V, IC=500mA
60
Gain-Bandwidth Product
fT
VCE=10V, IC=50mA
250
MHz
Collector-to-Emitter Saturation Voltage
VCE(sat)1
IC=5mA, IB=0.5mA
10
25
mV
VCE(sat)2
IC=100mA, IB=10mA
30
80
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=100mA, IB=10mA
0.8
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
20
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
15
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
5
V
Output Capacitance
Cob
VCB=10V, f=1MHz
8
pF
* : The 2SD1618 is classified by 50mA hFE as follows :
Rank
S
T
U
hFE
140 to 280
200 to 400
280 to 560
Ordering Information
Device
Package
Shipping
memo
2SD1618S-TD-E
PCP
1,000pcs./reel
Pb Free
2SD1618T-TD-E
PCP
1,000pcs./reel



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com