Electronic Components Datasheet Search
  English  ▼

X  

2SD1618 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD1618
Description  Bipolar Transistor 15V, 0.7A, Low VCE(sat), NPN Single PCP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1618 Datasheet(HTML) 3 Page - ON Semiconductor

  2SD1618 Datasheet HTML 1Page - ON Semiconductor 2SD1618 Datasheet HTML 2Page - ON Semiconductor 2SD1618 Datasheet HTML 3Page - ON Semiconductor 2SD1618 Datasheet HTML 4Page - ON Semiconductor 2SD1618 Datasheet HTML 5Page - ON Semiconductor 2SD1618 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SD1618
No.1784-3/6
IC -- VCE
IB -- VBE
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V
f T -- IC
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- mA
VCE(sat) -- IC
Collector Current, IC -- mA
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
PC -- Ta
Ambient Temperature, Ta --
°C
A S O
Collector-to-Emitter Voltage, VCE -- V
800
600
500
300
200
700
400
100
0
0
0.1
0.2
0.3
0.4
0.5
IB=0
ITR08841
1mA
2mA
4mA
6mA
0
0.2
0.4
0.6
0.8
1.0
100
80
60
40
20
0
ITR08842
VCE=5V
23
5
1.0
23
5
10
7
7
100
1000
100
10
2
7
5
7
5
3
2
3
ITR08843
VCE=10V
2
3
5
2
3
5
10
7
100
7
1000
23
5
1.0
23
5
10
100
23
5
2
3
5
1000
ITR08844
VCE=2V
10
1.0
10
5
7
3
5
3
2
27
35
2
3
ITR08845
f=1MHz
2
2
5
3
5
5
3
2
5
3
1000
100
10
10000
23
5
23
5
10
1.0
23
5
100
1000
ITR08846
IC / IB=10
0
1.6
1.4
1.3
1.2
0.8
1.0
0.6
0.5
0.4
0.2
0
20
40
60
100
120
160
140
80
ITR08847
Mounted
on
a
ceramic
board
(250mm
2
✕
0.8mm)
No heat
sink
0.1
5
7
7
3
1.0
5
3
2
5
3
2
1.0
10
57
2
5
5
7
32
3
ITR08848
100ms
DC
operation
Ta=25
°C
IC
ICP
Mounted on a ceramic board (250mm2
✕0.8mm)
Single pulse



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com