Electronic Components Datasheet Search
  English  ▼

X  

DTC113EM3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTC113EM3
Description  Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC113EM3 Datasheet(HTML) 1 Page - ON Semiconductor

  DTC113EM3 Datasheet HTML 1Page - ON Semiconductor DTC113EM3 Datasheet HTML 2Page - ON Semiconductor DTC113EM3 Datasheet HTML 3Page - ON Semiconductor DTC113EM3 Datasheet HTML 4Page - ON Semiconductor DTC113EM3 Datasheet HTML 5Page - ON Semiconductor DTC113EM3 Datasheet HTML 6Page - ON Semiconductor DTC113EM3 Datasheet HTML 7Page - ON Semiconductor DTC113EM3 Datasheet HTML 8Page - ON Semiconductor DTC113EM3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2015
January, 2015 − Rev. 3
1
Publication Order Number:
DTC113E/D
MUN2230, MMUN2230L,
MUN5230, DTC113EE,
DTC113EM3, NSBC113EF3
Digital Transistors (BRT)
R1 = 1 kW, R2 = 1 kW
NPN Transistors with Monolithic Bias
Resistor Network
This series of digital transistors is designed to replace a single
device and its external resistor bias network. The Bias Resistor
Transistor (BRT) contains a single transistor with a monolithic bias
network consisting of two resistors; a series base resistor and a base−
emitter resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space.
Features
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• S and NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101 Qualified
and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector−Base Voltage
VCBO
50
Vdc
Collector−Emitter Voltage
VCEO
50
Vdc
Collector Current − Continuous
IC
100
mAdc
Input Forward Voltage
VIN(fwd)
10
Vdc
Input Reverse Voltage
VIN(rev)
10
Vdc
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
See detailed ordering, marking, and shipping information in
the package dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
PIN CONNECTIONS
SC−75
CASE 463
STYLE 1
MARKING DIAGRAMS
XXX
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending up-
on manufacturing location.
SC−59
CASE 318D
STYLE 1
SOT−23
CASE 318
STYLE 6
SC−70/SOT−323
CASE 419
STYLE 3
SOT−723
CASE 631AA
STYLE 1
SOT−1123
CASE 524AA
STYLE 1
XX M
G
G
1
1
XXX M
G
G
XX M
G
G
1
XX M
1
X M
XX M
1
1


Similar Part No. - DTC113EM3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC113EM3 ONSEMI-DTC113EM3 Datasheet
134Kb / 11P
Digital Transistors (BRT)
November, 2016 ??Rev. 4
DTC113EM3T5G ONSEMI-DTC113EM3T5G Datasheet
144Kb / 12P
Digital Transistors (BRT) R1 = 1 kOhm, R2 = 1 kOhn
February, 2013 ??Rev. 1
DTC113EM3T5G ONSEMI-DTC113EM3T5G Datasheet
134Kb / 11P
Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results

Similar Description - DTC113EM3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2238L ONSEMI-MMUN2238L Datasheet
111Kb / 7P
Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
August, 2012 ??Rev. 0
MUN2115 ONSEMI-MUN2115 Datasheet
146Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 =  k
September, 2012 ??Rev. 1
MUN2140 ONSEMI-MUN2140 Datasheet
112Kb / 6P
Digital Transistors (BRT) R1 = 47 k, R2 =  k
September, 2012 ??Rev. 1
MUN2215 ONSEMI-MUN2215 Datasheet
140Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 =  k
August, 2012 ??Rev. 0
MUN2216 ONSEMI-MUN2216 Datasheet
128Kb / 10P
Digital Transistors (BRT) R1 = 4.7 k, R2 =  k
February, 2013 ??Rev. 1
MUN2240 ONSEMI-MUN2240 Datasheet
107Kb / 6P
Digital Transistors (BRT) R1 = 47 k, R2 =  k
August, 2012 ??Rev. 0
MUN2130 ONSEMI-MUN2130 Datasheet
137Kb / 10P
Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
February, 2013 ??Rev. 2
MUN2238 ONSEMI-MUN2238 Datasheet
148Kb / 12P
Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
February, 2013 ??Rev. 1
MUN2215 ONSEMI-MUN2215_13 Datasheet
149Kb / 12P
Digital Transistors (BRT) R1 = 10 k, R2 =  k
March, 2013 ??Rev. 1
MUN2241 ONSEMI-MUN2241 Datasheet
143Kb / 11P
Digital Transistors (BRT) R1 = 100 k R2 = k
February, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com