Electronic Components Datasheet Search
  English  ▼

X  

DTC113EM3 Datasheet(PDF) 4 Page - ON Semiconductor

Part # DTC113EM3
Description  Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC113EM3 Datasheet(HTML) 4 Page - ON Semiconductor

  DTC113EM3 Datasheet HTML 1Page - ON Semiconductor DTC113EM3 Datasheet HTML 2Page - ON Semiconductor DTC113EM3 Datasheet HTML 3Page - ON Semiconductor DTC113EM3 Datasheet HTML 4Page - ON Semiconductor DTC113EM3 Datasheet HTML 5Page - ON Semiconductor DTC113EM3 Datasheet HTML 6Page - ON Semiconductor DTC113EM3 Datasheet HTML 7Page - ON Semiconductor DTC113EM3 Datasheet HTML 8Page - ON Semiconductor DTC113EM3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MUN2230, MMUN2230L, MUN5230, DTC113EE, DTC113EM3, NSBC113EF3
www.onsemi.com
4
Table 2. THERMAL CHARACTERISTICS
Characteristic
Unit
Max
Symbol
THERMAL CHARACTERISTICS (SOT−723) (DTC113EM3)
Thermal Resistance,
(Note 1)
Junction to Ambient
(Note 2)
RqJA
480
205
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
THERMAL CHARACTERISTICS (SOT−1123) (NSBC113EF3)
Total Device Dissipation
TA = 25°C
(Note 3)
(Note 4)
Derate above 25
°C
(Note 3)
(Note 4)
PD
254
297
2.0
2.4
mW
mW/
°C
Thermal Resistance,
(Note 3)
Junction to Ambient
(Note 4)
RqJA
493
421
°C/W
Thermal Resistance, Junction to Lead
(Note 3)
RqJL
193
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR−4 @ Minimum Pad.
2. FR−4 @ 1.0 x 1.0 Inch Pad.
3. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
4. FR−4 @ 500 mm2, 1 oz. copper traces, still air.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com