Electronic Components Datasheet Search
  English  ▼

X  

MAB46 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # MAB46
Description  Single Phase Ultra Low VF Schottky Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MAB46 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  MAB46 Datasheet HTML 1Page - Bruckewell Technology LTD MAB46 Datasheet HTML 2Page - Bruckewell Technology LTD MAB46 Datasheet HTML 3Page - Bruckewell Technology LTD MAB46 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MAB46
Publication Order Number: MAB46
©Bruckewell Technology Corporation Rev. A -2014
Product profile
Single Phase Ultra Low VF Schottky Bridge Rectifier
General description
Schottky Rectifiers 4 Amp 60V
Features
•
Ideal for printed circuit board.
•
High current capability
•
Reliable low cost construction utilizing molded
plastic technique.
•
Low forward voltage drop
•
Low power loss, high efficiency
•
High surge current capability
•
High temperature soldering guaranteed
260°C /10sec/0.375" lead length at 5 lbs tension
•
Small size, simple installation.
Mechanical data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: MIL-STD- 202E, Method 208 guaranteed
Polarity: As marked
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
MAB46
Unit
Maximum repetitive peak reverse voltage
VRRM
60
V
RMS Voltage (Max.)
VRMS
50
V
Working peak reverse voltage
VRWM
60
V
Maximum average forward rectified current
Total Device
IF(AV)
4
A
Peak forward surge current
IFSM
60
A
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
Operating junction temperature range
TJ
-55 to +150
°C
Storage temperature range
TSTG
-55 to +150
°C
THERMAL CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJA
75
°C/W
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width ≤ 40 ms


Similar Part No. - MAB46

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
Small size ??Good dvdt ??EN60252-1 rated
logo
MEC Marcom Electronic C...
MAB MEC-MAB Datasheet
341Kb / 2P
EMC SUPPRESSION SHEET
logo
KITAGAWA GmbH
MAB KGS-MAB Datasheet
334Kb / 1P
Flexible sheet consists of resin with soft ferrite filler
MAB-03 KGS-MAB-03 Datasheet
334Kb / 1P
Flexible sheet consists of resin with soft ferrite filler
logo
Powerbox
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAB46

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBM2045VCT PANJIT-SBM2045VCT Datasheet
113Kb / 4P
UlTRA LOW VF SCHOTTKY RECTIFIER
logo
Zowie Technology Corpor...
SMBC104LH ZOWIE-SMBC104LH Datasheet
59Kb / 2P
Low VF Schottky Bridge Rectifier
SMBC204LH ZOWIE-SMBC204LH Datasheet
54Kb / 2P
Low VF Schottky Bridge Rectifier
logo
Bruckewell Technology L...
MTB26 BWTECH-MTB26 Datasheet
141Kb / 4P
Single Phase Ultra Low VF Schottky Bridge Rectifier
logo
Pan Jit International I...
SBT10100VSS PANJIT-SBT10100VSS Datasheet
81Kb / 4P
ULTRA LOW VF SCHOTTKY RECTIFIER
SBT10150LCT PANJIT-SBT10150LCT Datasheet
122Kb / 4P
ULTRA LOW VF SCHOTTKY RECTIFIER
SBT20100LCT PANJIT-SBT20100LCT Datasheet
121Kb / 4P
ULTRA LOW VF SCHOTTKY RECTIFIER
SVT2060L PANJIT-SVT2060L Datasheet
195Kb / 5P
ULTRA LOW VF SCHOTTKY RECTIFIER
logo
FutureWafer Tech Co.,Lt...
MBS240SU FUTUREWAFER-MBS240SU Datasheet
868Kb / 5P
Low VF Schottky Bridge Rectifier
logo
Vishay Siliconix
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifier
08-Jun-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com