Electronic Components Datasheet Search
  English  ▼

X  

MAB46 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MAB46
Description  Single Phase Ultra Low VF Schottky Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MAB46 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MAB46 Datasheet HTML 1Page - Bruckewell Technology LTD MAB46 Datasheet HTML 2Page - Bruckewell Technology LTD MAB46 Datasheet HTML 3Page - Bruckewell Technology LTD MAB46 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAB46
Publication Order Number: MAB46
©Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage
at IF=4A, Tj=25°C
VF
0.60
0.66
V
at IF=4A, Tj=125°C
0.56
0.61
Maximum reverse current Tj=25°C
IR
200
u'A
at working peak reverse voltage Tj=125°C
50
m'A
Junction Capacitance @ DC 5V
CJ
205
pF
DEVICE MARK
MAB46



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com