Electronic Components Datasheet Search
  English  ▼

X  

MS35C31 Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MS35C31
Description  Low rDS(on) provides higher efficiency and extends
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS35C31 Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MS35C31 Datasheet HTML 1Page - Bruckewell Technology LTD MS35C31 Datasheet HTML 2Page - Bruckewell Technology LTD MS35C31 Datasheet HTML 3Page - Bruckewell Technology LTD MS35C31 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MS35C31
N & P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MS35C31]
© Bruckewell Technology Corporation Rev. A -2014
Absolute Maximum Ratings (Tc=25°C unless otherwise specified)
Symbol
Parameter
N-Channel
P-Channel
Unit
VDS
Drain-Source Voltage
30
-26.5
V
VGS
Gate-Source Voltage
±12
±12
V
ID
Continuous Drain Current
a (T
A=25°C)
3.7
-2.7
A
Continuous Drain Current
a (T
A=70°C)
2.9
-2.1
A
IDM
Pulsed Drain Current
b
8
-8
A
IS
Continuous Source Current (Diode Conduction)
a
1.05
-1.05
A
PD
Power Dissipation
a (T
A =25°C)
1.15
W
Power Dissipation
a (T
A =70°C)
0.7
W
TJ/TSTG
Operating Junction and Storage Temperature Range
-55 to +150
°C
Thermal Resistance Ratings
Symbol
Parameter
N-Channel
P-Channel
Units
Typ
Max
Typ
Max
RTHJA
Maximum Junction-to-Ambient
a (t <= 10 sec)
93
110
93
110
°C/W
Maximum Junction-to-Ambient
a (Steady-State)
130
150
130
150
Notes:
a.
Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature
SPECIFICATIONS (TA = 25°C UNLESS OTHERWISE NOTED)
Symbol
Parameter
Test Conditions
Ch
Min
Typ.
Max.
Units
VGS(th)
Gate-Threshold Voltage
VDS = VGS , ID = 250μA
VDS = VGS , ID = -250μA
N
P
0.6
-0.6
V
IGSS
Gate-Body Leakage
VDS = 0 V , VGS = 12 V
VDS = 0 V , VGS = -12 V
N
P
100
-100
uA
IDSS
Zero Gate Voltage
Drain Current
VDS = 21 V , VGS = 0 V
VDS = -21 V , VGS = 0 V
VDS = 21 V , VGS = 0 V , TJ= 55°C
VDS = -21 V , VGS = 0 V , TJ= 55°C
N
P
N
P
1
-1
10
-10
uA
ID(on)
On-State Drain Current
A
VDS = 5 V , VGS = 4.5 V
VDS = -5 V , VGS = -4.5 V
N
P
5
-5
A
r
DS(on)
Drain-Source
On-Resistance
A
VGS = 4.5 V , ID = 3.7 A
VGS = -4.5 V , ID = 3.1 A
VGS = 2.5 V , ID = 2.7 A
VGS = -2.5 V , ID = -2.2 A
N
P
N
P
0.058
0.112
0.08
0.17
Ω
gfs
Forward Tranconductance
A
VDS = 5 V , ID = 3.7 A
VDS = -5 V , ID = 3.1 A
N
P
10
5
S
VSD
Diode Forward Voltage
IS = 1.05 A , VGS = 0 V
IS = -1.05 A , VGS = 0 V
N
P
0.80
-0.83
S



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com