Electronic Components Datasheet Search
  English  ▼

X  

MS35C31 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS35C31
Description  Low rDS(on) provides higher efficiency and extends
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS35C31 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS35C31 Datasheet HTML 1Page - Bruckewell Technology LTD MS35C31 Datasheet HTML 2Page - Bruckewell Technology LTD MS35C31 Datasheet HTML 3Page - Bruckewell Technology LTD MS35C31 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MS35C31
N & P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MS35C31]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic
b
Symbol
Parameter
Test Conditions
Ch
Min
Typ.
Max.
Units
Qg
Total Gate Charge
N-Channel
VDS = 15 V , ID= 2.7 A , VGS = 4.5 V
P-Channel
VDS = -15 V , ID= -3.1 A , VGS = -4.5 V
N
P
6.3
3.8
nC
Qgs
Gate-Source Charge
N
P
0.9
0.6
nC
Qgd
Gate-Drain Charge
N
P
1.9
1.5
nC
td(on)
Turn-On Delay Time
N-Channel
VDD = 15 V , VGS = 4.5 V ,
RGEN = 15 Ω , ID = 1 A
P-Channel
VDD = -15 V , VGS = -4.5 V ,
RGEN = 15 Ω , ID = -1 A
N
P
5
5
ns
tr
Rise Time
N
P
12
15
ns
td(off)
Turn-Off Delay Time
N
P
13
20
ns
tf
Fall Time
N
P
7
20
ns
Notes:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com