Electronic Components Datasheet Search
  English  ▼

X  

MS39P93 Datasheet(PDF) 3 Page - Bruckewell Technology LTD

Part # MS39P93
Description  Low rDS(on) provides higher efficiency and extends
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MS39P93 Datasheet(HTML) 3 Page - Bruckewell Technology LTD

  MS39P93 Datasheet HTML 1Page - Bruckewell Technology LTD MS39P93 Datasheet HTML 2Page - Bruckewell Technology LTD MS39P93 Datasheet HTML 3Page - Bruckewell Technology LTD MS39P93 Datasheet HTML 4Page - Bruckewell Technology LTD MS39P93 Datasheet HTML 5Page - Bruckewell Technology LTD MS39P93 Datasheet HTML 6Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MS39P93
P-Channel 30-V (D-S) MOSFET
Publication Order Number: [MS39P93]
© Bruckewell Technology Corporation Rev. A -2014
Dynamic
b
Symbol
Parameter
Test Conditions
Min
Typ.
Max.
Units
td(on)
Turn-On Delay Time
VDD = -5 V , RL = 5 OHM ,
VGEN = -4.5 V , RG = 5 OHM ,
--
6.5
--
ns
tr
Rise Time
--
20
--
ns
td(off)
Turn-Off Delay Time
--
31
--
ns
tf
Fall Time
--
21
--
ns
CISS
Input Capacitance
P-Channel
VDS = -15 V , VGS = 0 V ,
f =1.0MHz
--
451
--
pF
COSS
Output Capacitance
--
130
--
pF
CRSS
Reverse Transfer Capacitance
--
33
--
pF
Notes:
a. Pulse test: PW <= 300us duty cycle <= 2%.
b. Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com