Electronic Components Datasheet Search
  English  ▼

X  

PE3CA1007 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3CA1007
Description  Operate from DC to 6GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1007 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3CA1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
2
Insertion Loss
0.78 dB/ft [2.56 dB/m]
Frequency 3
Frequency
1000 MHz
VSWR
1.35:1
Return Loss
16.54 dB
Insertion Loss
1.25 dB/ft [4.1 dB/m]
Frequency 4
Frequency
2.5 GHz
VSWR
1.35:1
Return Loss
16.54 dB
Insertion Loss
1.9 dB/ft [6.23 dB/m]
Frequency 5
Frequency
3 GHz
VSWR
1.35:1
Return Loss
16.54 dB
Insertion Loss
2.07 dB/ft [6.79 dB/m]
Mechanical Specifications
Temperature
Temperature Operating Range
-55 to +125 deg C
Size
.
Cable
Cable Type
0.81mm
Inner Conductor Type
Stranded
Cable Inner Conductor
Copper, Silver
No of Shields
1
Cable Outer Conductor 1
Tinned Copper
Dielectric Type
FEP
Jacket Material
FEP
Jacket Diameter
0.032 in [0.81 mm]
Connector 1
Type
SMA Female Bulkhead
Configuration
Straight
Mount Method
Bulkhead
Inner Conductor Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Gold
Connector 2
Type
HMCX32 1.2 Plug
Configuration
Straight
PE3CA1007 REV 1.1
PE3CA1007
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead to HMCX32 1.2 Plug Cable Using 0.81mm Coax, RoHS PE3CA1007
SMA Female Bulkhead to HMCX32 1.2 Plug
Cable Using 0.81mm Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com