Electronic Components Datasheet Search
  English  ▼

X  

PE3CA1007 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3CA1007
Description  Operate from DC to 6GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1007 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3CA1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
12/19/2011
Plotted and Other Data
Notes:
•
Values at +25 °C, sea level
How to Order
Part Number Configuration:
PE3CA1007
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3CA1007-12 = 12 inches long cable
PE3CA1007-100cm = 100 cm long cable
SMA Female Bulkhead to HMCX32 1.2 Plug Cable Using 0.81mm Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Bulkhead to HMCX32 1.2 Plug Cable Using 0.81mm Coax, RoHS PE3CA1007
URL: http://www.pasternack.com/sma-female-hmcx32-1.2-plug-0.81mm-cable-assembly-pe3ca1007-p.aspx
PE3CA1007 REV 1.1
PE3CA1007
SMA Female Bulkhead to HMCX32 1.2 Plug
Cable Using 0.81mm Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com