Electronic Components Datasheet Search
  English  ▼

X  

KID65083AF Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KID65083AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65083AF Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KID65083AF Datasheet HTML 1Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 2Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 3Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 4Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 5Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 6Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2009. 12. 16
2/7
KID65081AP/AF~KID65084AP/AF
Revision No : 2
INPUT
COMMON
OUTPUT
GND
10.5kΩ
7.2kΩ
KID65082AP/AF
KID65083AP/AF
7.2kΩ
2.7kΩ
GND
OUTPUT
COMMON
INPUT
INPUT
COMMON
OUTPUT
GND
10.5kΩ
7.2kΩ
KID65084AP/AF
KID65081AP/AF
7.2kΩ
GND
OUTPUT
COMMON
INPUT
PIN CONNECTION (TOP VIEW)
SCHEMATICS (EACH DRIVER)
7V
*
*
*
*
* : Parasitic Diodes
NOTE. The input and output parasitic diodes cannot be used as clamp diodes.
(
(
*
*
*
*
AF-TYPE (FLP-20 PACKAGE)
20
19
18
17
16
15
14
13
8
7
6
5
4
3
2
1
9
GND
12
COMMON
11
10
N.C
N.C
O1
O2
O3
O4
O5
O6
O7
O8
I1
I2
I3
I4
I5
I6
I7
I8
AP-TYPE (DIP-18 PACKAGE)
18
17
16
15
14
13
8
7
6
5
4
3
2
1
9
GND
12
COMMON
11
10
O1
O2
O3
O4
O5
O6
O7
O8
I1
I2
I3
I4
I5
I6
I7
I8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com