Electronic Components Datasheet Search
  English  ▼

X  

KID65083AF Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KID65083AF
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KID65083AF Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KID65083AF Datasheet HTML 1Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 2Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 3Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 4Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 5Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 6Page - KEC(Korea Electronics) KID65083AF Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2009. 12. 16
1/7
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 2
8 HIGH-VOLTAGE HIGH-CURRENT DARLINGTON
TRANSISTOR ARRAYS
The KID6508* series are high-voltage, high-current darlington
drivers comprised of eight NPN darlington pairs.
All units feature integral clamp diodes for switching inductive loads.
Applications include relay, hammer, lamp and display(LED) drivers.
FEATURES
・Output Current (Single Output) : 500mA Max.
・High Sustaining Voltage Outputs : 50V Min.
・Output Clamp Diodes
・Inputs Compatible With Various Types of Logic.
・PKG Type, AP : DIP-18Pin, DIP-18(1)Pin
・PKG Type, AF : FLP-20Pin
18
10
1
9
Q
DIP-18
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
C
L
3.50 0.2
0 - 15
1.40 0.1
W
25.1MAX
6.40 0.2
0.50 0.1
4.15 0.3
3.30 0.3
2.54
0.25+0.1/-0.05
7.62
Q
+
_
+
_
+
_
+
_
+
_
+
_
FLP-20
D
P
L
A
1
10
20
11
0.27+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.20+0.1/-0.05
12.83 0.2
B2
G
H
L
D
A
B1
DIM
10.34 0.3
2.51 0.2
0.65 0.2
7.49 0.2
+
_
+
_
+
_
+
_
+
_
+
_
18
10
1
9
Q
DIP-18(1)
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
C
L
3.30 0.2
0 - 10
1.52 0.1
W
6.35 0.2
0.46 0.1
4.05 0.3
3.30 0.3
2.54
0.25+0.1/-0.05
Q
+
_
23.0 0.2
+
_
+
_
+
_
+
_
+
_
7.75 0.2
+
_
+
_
KID65081AP/AF~
KID65084AP/AF
BIPOLAR LINEAR INTEGRATED CIRCUIT
MAXIMUM RATINGS (Ta=25℃, unless otherwise noted)
*1 Except KID65081AP/AF,
**2Only KID65081AP/AF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Output Sustaining Voltage
VCE(SUS)
-0.5~50
V
Output Current
IOUT
500
mA/ch
Input Voltage
VIN (*1)
-0.5~+30
V
Input Current
IIN (**2)
25
mA
Clamp Diode
Reverse Voltage
VR
50
V
Forward Current
IF
500
mA
Power Dissipation
AP
PD
1.47
W
AF
0.96
W
Operating Temperature
Topr
-40~85
℃
Storage Temperature
Tstg
-55~150
℃
TYPE
INPUT BASE RESISTOR
DESIGNATION
KID65081AP/AF
External
General Purpose
KID65082AP/AF
10.5kΩ+7V Zenner diode
14~25V P-MOS
KID65083AP/AF
2.7kΩ
TTL, 5V C-MOS
KID65084AP/AF
10.5kΩ
6~15V P-MOS, C-MOS


Similar Part No. - KID65083AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65083AF KEC-KID65083AF Datasheet
635Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT (8 HIGH-VOLTAGE HIGH-CURRENT DARLING TON TRANSISTOR ARRAYS)
More results

Similar Description - KID65083AF

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7127LSF AUK-S7127LSF Datasheet
94Kb / 4P
Bipolar Linear Integrated Circuit
logo
Toshiba Semiconductor
TA8233BHQ TOSHIBA-TA8233BHQ Datasheet
1Mb / 14P
Bipolar Linear Integrated Circuit
28-Sep-2004
logo
KEC(Korea Electronics)
KIA78MR05PI KEC-KIA78MR05PI Datasheet
1Mb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R000F KEC-KIA78R000F Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF_13 Datasheet
451Kb / 20P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com