Electronic Components Datasheet Search
  English  ▼

X  

LPA2150 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPA2150
Description  Unique Modulation Scheme Reduces EMI Emissions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2150 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPA2150 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Preliminary Datasheet
LPA2150
LPA2150–00
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 11
2×3Walts Stereo Class-D Audio Power Amplifier
General Description
The LPA2150 is a high efficiency, 2x3.0W class-D audio power
amplifier. A new developed filter less PWM modulation architecture
further reduces EMI and THD+N, as well as eliminates the LC
output filter, reducing external component count, sys cost, and
simplifying design.
Operating in a single 5V supply, LPA2150 is capable of driving 4Ω
speaker load at a continuous average output of 3.05W/10%
THD+N or 2.6W/1% THD+N. The LPA2150 has high efficiency
with speaker load compared to a typical class D amplifier. With a
3.6V supply driving an 8Ω speaker, the efficiency for a 400mW
power level is 90%.In cellular handsets, the earpiece, speaker
phone, and melody ringer can each be driven by the LPA2150.
The gain of LPA2150 is externally configurable which allows
independent gain control from multiple sources by summing
signals from separate sources.
The LPA2150 is available in space-saving SOP16 packages.
Order Information
LPA2150
□ □
□
F: Pb-Free
Package Type
SO: SOP16
Applications
PDA/DSC
Portable Audio Speaker
Cellular and Smart mobile phone
Bluetooth Speaker
Features
Unique Modulation Scheme Reduces EMI Emissions
Efficiency at 3.6V With an 8-Ω Speaker:
−
90% at 400 mW
−
82% at 100 mW
Low 2.5mA Quiescent Current
0.5µA Shutdown Current
2.5V to 6V Wide Supply Voltage
Shutdown Pin has 1.8V Compatible Thresholds
Optimized PWM Output Stage Eliminates LC Output Filter
Improved PSRR (−80 dB) Eliminates Need for a Voltage
Regulator
Fully Differential Design Reduces RF Rectification and
Eliminates Bypass Capacitor
Improved CMRR Eliminates Two Input Coupling Capacitors
Internally Generated 750kHz Switching Frequency
Integrated Pop and Click Suppression Circuitry
SOP16 Packaging
RoHS compliant and 100% lead(Pb)-free
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LPA2150
LPS
LPA2150
YWX
SOP16
3K/REEL
Y:Year code. W:Week code. X:Batch number.


Similar Part No. - LPA2150

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPA2153 POWER-LPA2153 Datasheet
944Kb / 13P
Filterless 2x8W Class- F Stereo Audio Amplifier
LPA2154 POWER-LPA2154 Datasheet
874Kb / 10P
Filterless 2x8W Class- F Stereo Audio Amplifier
More results

Similar Description - LPA2150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-5020 FAIRCHILD-AN-5020 Datasheet
260Kb / 3P
LVDS Reduces EMI
logo
Maxim Integrated Produc...
MAX98306 MAXIM-MAX98306 Datasheet
2Mb / 14P
Stereo 3.7W Class D Amplifier Spread-Spectrum Modulation and Active Emissions Limiting
Rev 0; 6/11
logo
Pulse A Technitrol Comp...
PE-67531NL PULSE-PE-67531NL Datasheet
668Kb / 11P
Reduces radiated EMI emissions
PE-68624NLT PULSE-PE-68624NLT Datasheet
1Mb / 3P
Reduces radiated EMI emissions
logo
STMicroelectronics
AN2052 STMICROELECTRONICS-AN2052 Datasheet
380Kb / 13P
This report describes how the frequency modulation reduces
12-Nov-2014
logo
Lowpower Semiconductor ...
LPA2104 POWER-LPA2104 Datasheet
782Kb / 11P
Unique Modulation Scheme Reduces EMI Emissions
LPA8302 POWER-LPA8302 Datasheet
856Kb / 14P
Unique Modulation Scheme Reduces EMI Emissions
logo
Cypress Semiconductor
CYIFS741 CYPRESS-CYIFS741 Datasheet
1Mb / 19P
Reduces Systemic EMI.
CYIFS731 CYPRESS-CYIFS731 Datasheet
2Mb / 20P
Reduces Systemic EMI
logo
List of Unclassifed Man...
LTK5128 ETC2-LTK5128 Datasheet
698Kb / 10P
FM scheme
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com