Electronic Components Datasheet Search
  English  ▼

X  

LPA2150 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LPA2150
Description  Unique Modulation Scheme Reduces EMI Emissions
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2150 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LPA2150 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2150 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary Datasheet
LPA2150
LPA2150–00
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 11
Function Block Diagram
LINP
LINN
TTL
BUFFER
PLIMIT
PLIMIT
REFERENCE
RAMP
GENERATOR
BIASES AND
REFERENCE
STARUP
PROTECTION
LOGIC
PWM
LOGIC
PVCCL
GVDD
PVCCL
PVCCL
PVCCL
PVCCL
PVCCL
PVCCL
PVCCL
GVDD
GVDD
GVDD
PWM
LOGIC
PLIMIT
THERMAL
DETECT
GATE
DRIVE
GATE
DRIVE
GATE
DRIVE
GATE
DRIVE
OUTPL
PGND
OUTNL
PGND
OUTNR
PGND
OUTPR
PGND
SD
AVDD
GVDD
LDO
REGULATOR
VDD
RINN
RINP
GND
+
+
+
+
+
+
+
+
+
+
+
+
-
-
-
-
-
-
-
-
-
-
-
-
Absolute Maximum Ratings
Input Voltage to GND (VINL, VINR) -------------------------------------------------------------------------------------------------------------- 6V
Supply Voltage, VDD ------------------------------------------------------------------------------------------------------------------ -0.3 V to 6V
Voltage at Any Input Pin ------------------------------------------------------------------------------------------------------ -0.3 V to VDD +0.3
Junction Temperature, TJMAX ------------------------------------------------------------------------------------------------------------- 150°C
Storage Temperature Rang, Tstg --------------------------------------------------------------------------------------------- -65°C to 150°C
ESD Susceptibility ------------------------------------------------------------------------------------------------------------------------------ 2kV
Lead temperature (10 seconds) ------------------------------------------------------------------------------------------------------------ 260°C
Thermal Resistance θJA (WCSP) ---------------------------------------------------------------------------------------------------- 77°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com