Electronic Components Datasheet Search
  English  ▼

X  

IRFS7534-7PPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS7534-7PPBF
Description  Brushed motor drive applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7534-7PPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFS7534-7PPBF Datasheet HTML 1Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 2Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 3Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 4Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 5Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 6Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 7Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 8Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
 
IRFS7534-7PPbF
2
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
November 5, 2014
Absolute Maximum Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
255
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
180
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Package Limited)
240
IDM
Pulsed Drain Current 
790
PD @TC = 25°C
Maximum Power Dissipation
290
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ
TSTG
Operating Junction and
Storage Temperature Range
-55 to + 175  
°C  
Soldering Temperature, for 10 seconds (1.6mm from case)
300
Avalanche Characteristics 
Symbol
Parameter
Max
Units
EAS (Thermally limited)
Single Pulse Avalanche Energy 
370
mJ  
EAS (Thermally limited)
Single Pulse Avalanche Energy 
773
IAR
Avalanche Current 
See Fig 15, 16, 23a, 23b
A
EAR
Repetitive Avalanche Energy 
mJ
Thermal Resistance  
Symbol
Parameter
Typ.
Max.
Units
RJC
Junction-to-Case 
–––
0.51
RJA
Junction-to-Ambient 
–––
40
°C/W  
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
60
–––
–––
V
VGS = 0V, ID = 250µA
V(BR)DSS/TJ Breakdown Voltage Temp. Coefficient
–––
46
––– mV/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.60
1.95
VGS = 10V, ID = 100A 
–––
2.00
–––
VGS = 6.0V, ID = 50A 
VGS(th)
Gate Threshold Voltage
2.1
–––
3.7
V
VDS = VGS, ID = 250µA
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
VDS = 60V, VGS = 0V
–––
–––
150
VDS = 60V,VGS = 0V,TJ =125°C
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
VGS = -20V
RG
Gate Resistance
–––
1.9
–––

m

Notes:

Calculated continuous current based on maximum allowable junction temperature. Bond wire current limit is 240A.
Note that current limitations arising from heating of the device leads may occur with some lead mounting
arrangements. (Refer to AN-1140)

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 74µH, RG = 50, IAS = 100A, VGS =10V.

ISD  100A, di/dt  1240A/µs, VDD  V(BR)DSS, TJ 175°C.

Pulse width
 400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 39A, VGS =10V.

When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques
refer to application note #AN-994.please refer to application note
to AN-994:
http://www.irf.com/technical-info/appnotes/an-994.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com