Electronic Components Datasheet Search
  English  ▼

X  

IRFS7534-7PPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFS7534-7PPBF
Description  Brushed motor drive applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS7534-7PPBF Datasheet(HTML) 4 Page - International Rectifier

  IRFS7534-7PPBF Datasheet HTML 1Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 2Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 3Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 4Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 5Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 6Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 7Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 8Page - International Rectifier IRFS7534-7PPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
 
IRFS7534-7PPbF
4
www.irf.com
© 2013 International Rectifier
Submit Datasheet Feedback
November 5, 2014
0
50
100
150
200
250
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 48V
VDS= 30V
VDS= 12V
ID= 100A
Fig 6. Normalized On-Resistance vs. Temperature
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
Fig 5. Typical Transfer Characteristics
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
4.5V
60µs PULSE WIDTH
Tj = 175°C
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
Fig 4. Typical Output Characteristics
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 175°C
VDS = 25V
60µs PULSE WIDTH
Fig 3. Typical Output Characteristics
Fig 8. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 7. Typical Capacitance vs.
Drain-to-Source Voltage
0.1
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.01
0.1
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM
4.5V
60µs PULSE WIDTH
Tj = 25°C
4.5V
-60 -40 -20 0 20 40 60 80 100120140160180
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
2.5
ID = 100A
VGS = 10V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com