Electronic Components Datasheet Search
  English  ▼

X  

FMMT311 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # FMMT311
Description  2-PACK MOSFET MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

FMMT311 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  FMMT311 Datasheet HTML 1Page - KEC(Korea Electronics) FMMT311 Datasheet HTML 2Page - KEC(Korea Electronics) FMMT311 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2014. 1. 09
2/3
FMMT311
Revision No : 1
ELECTRICAL CHARACTERISTICS (@Ta=25
℃ Per Leg, Unless otherwise noted)
TEMPERATURE SENSOR (NTC Thermistor)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250㎂ , VGS=0V
100
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBV
DSS/ΔTj
ID=5mA, Referenced to 25℃
-
0.17
-
V/
℃
Gate Threshold Voltage
Vth
VDS=VGS, ID=250㎂
3.0
-
5.0
V
Drain to Source Leakage Current
IDSS
VDS=100V, VGS=0V
-
-
20
μA
VDS=100V, VGS=0V, Tj=125℃
-
-
250
Gate to Source Leakage Current
IGSS
VGS=15V, with protection circuit
-
-
10
mA
VGS=-15V, with protection circuit
-
-
-10
mA
Drain to Source ON Resistance
RDS(ON)
VGS=10V, ID=540A
-
0.92
2
m
Ω
Dynamic
Total Gate Charge
Qg
ID=540A, VDS=50V, VGS=10V
-
TBD
-
nC
Gate to Source Charge
Qgs
-
TBD
-
Gate to Source Charge
Qgd
-
TBD
-
Turn On Delay Time
td(on)
-
TBD
-
ns
Rise Time
tr
-
TBD
-
Turn Off Delay Tine
td(off)
-
TBD
-
Fall Time
tr
-
TBD
-
Input Capacitance
Ciss
-
TBD
-
Output Capacitance
Coss
-
TBD
-
Reverse Transfer Capacitance
Crss
-
TBD
-
pF
Source-Drain Diode Ratings
Continuous Source Current
IS
-
-
540
A
Pulsed Source Current
ISP
-
-
3000
Diode Forward Voltage
VSD
ID=540A, VGS=0V
-
1.1
-
V
Reverse Recovery Time
trr
-
TBD
-
ns
Reverse Recovery Charge
Qrr
-
TBD
-
nC
PARAMETER
CONDITION
VALUE
UNITS
B Constant
25/85
℃
3450
K
B Constant Tolerance
-
±3
%
Resistance
-
4.7
K
Ω
Resistance Tolerance
-
±5
%
Operating Temperature Range
-
-40 ~ +125
℃



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com