Electronic Components Datasheet Search
  English  ▼

X  

FMMT311 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # FMMT311
Description  2-PACK MOSFET MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

FMMT311 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  FMMT311 Datasheet HTML 1Page - KEC(Korea Electronics) FMMT311 Datasheet HTML 2Page - KEC(Korea Electronics) FMMT311 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2014. 1. 09
1/1
SEMICONDUCTOR
TECHNICAL DATA
FMMT311
Revision No : 0
100V/540A
2-PACK MOSFET MODULE (Half - Bridge)
FEATURES
・Low R
DS(on)
・High frequency operation
・dv/dt ruggedness
・Fast switching
APPLICATION
・Motor Control
・Electric Vehicle, Automotive etc.
INTERNAL CIRCUIT
22 ±0.3
90 ±0.3
9 ±0.3
17 ±0.3
17 ±0.3
28 ±0.2
28 ±0.2
2 ±0.2
11
22
33
72 ±0.3
80 ±0.3
M6
X
3
M4
X 4
2
S-1
S-2
S-3
S-6
S-5
S-4
4.2
±0.2
±0.2
MAXIMUM RATING (@Ta=25
℃ Per Leg)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-to Source Breakdown Voltage
VDSS
100
V
Gate to Source Voltage
VGS
±15
V
Continuous Drain Current
@TC=25℃
IC
876
A
@TC=100℃
540
Isolation Voltage
AC @ 1 minute
VISO
2500
V
Junction Temperature
Tj
-40 ~ 150
℃
Storage Temperature
Tstg
-40 ~ 125
℃
Weight of Module
Weight
98
±5
g
Terminal Connection Torque(M4)
M
2
Nm
Terminal Connection Torque(M6)
M
5
Nm
OUTLINE DRAWING
Unit : mm
FMT02


Similar Part No. - FMMT311

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
FMMT312 KEC-FMMT312 Datasheet
393Kb / 3P
2-PACK MOSFET MODULE
More results

Similar Description - FMMT311

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
FM200CD1D5B KEC-FM200CD1D5B Datasheet
373Kb / 2P
2-PACK MOSFET MODULE
FM200HB1D5B KEC-FM200HB1D5B Datasheet
373Kb / 2P
2 - PACK MOSFET MODULE
FM400CD1D5C KEC-FM400CD1D5C Datasheet
375Kb / 3P
2-PACK MOSFET MODULE
FM400HB1D5C KEC-FM400HB1D5C Datasheet
375Kb / 3P
2 - PACK MOSFET MODULE
FMMT312 KEC-FMMT312 Datasheet
393Kb / 3P
2-PACK MOSFET MODULE
GM100HB06BLA KEC-GM100HB06BLA Datasheet
374Kb / 2P
2-PACK IGBT MODULE
GM200HB06BL KEC-GM200HB06BL Datasheet
374Kb / 2P
2-PACK IGBT MODULE
logo
ON Semiconductor
NXH010P90MNF1PTG ONSEMI-NXH010P90MNF1PTG Datasheet
1Mb / 14P
F1-2 PACK SiC MOSFET Module
March, 2022-Rev. P2
NXH020P120MNF1PTG ONSEMI-NXH020P120MNF1PTG Datasheet
1Mb / 8P
F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
NXH040P120MNF1PTG ONSEMI-NXH040P120MNF1PTG Datasheet
1Mb / 8P
F1-2 PACK SiC MOSFET Module
December, 2021?뭃ev. P0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com