Electronic Components Datasheet Search
  English  ▼

X  

PE20S0010 Datasheet(PDF) 5 Page - Pasternack Enterprises, Inc.

Part # PE20S0010
Description  High Power Handling Capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20S0010 Datasheet(HTML) 5 Page - Pasternack Enterprises, Inc.

  PE20S0010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
TECHNICAL DATA SHEET
PE20S0010
PE20S0010 REV 1.1
2 Way High Power Broadband Combiner From 800 MHz to 2.5 GHz Rated at 800 Watts, Type N from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a
99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Way High Power Broadband Combiner From 800 MHz to 2.5 GHz Rated at 800 Watts, Type N
PE20S0010
URL: http://www.pasternack.com/2-way-n-broadband-power-combiner-800-mhz-2.5-ghz-800-watts-pe20s0010-p.aspx
2 Way High Power Broadband Combiner From
800 MHz to 2.5 GHz Rated at 800 Watts, Type N



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com