Electronic Components Datasheet Search
  English  ▼

X  

PE20S0010 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE20S0010
Description  High Power Handling Capability
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE20S0010 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE20S0010 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE20S0010 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
PE20S0010 is a passive 2 way High Power Broadband RF Combiner with 50 ohm connectors operating from 800 to 2500
MHz, with a max input power at 800 watts. The PE20S0010 has greater than 7.5 dB typical isolation, less than 0.60 dB typical
low insertion loss and a Max VSWR of 1.30:1; along with a phase balance of ±5 degrees and an amplitude balance of ±0.20
dB. The RF Combiner operates in a temperature range from -55°C to 85°C, with a foot print of 4.50”x3”x1.15”.
Features
• 800 to 2500 MHz Frequency
• 800 watt max power
• Insertion Loss: < 0.60 dB
• Phase Balance: ±5 degrees
• Amplitude Balance: ±0.2 dB
• Isolation: >7.5 dB
• High Power Handling Capability
Applications
• Communications Systems
• Power Combining
• PCS,GSM,LTE, Cellular
•
Amplifier Systems
•
Amplifier Power Combining
• Wireless Infrastructures
• Defence Applications
Configuration
Input Connectors
N Female
Output Connector
SC Female
Frequency Range
0.8 to 2.5 GHz
Design
Reactive
Number of Input Ports
2
Housing Material and Plating
Aluminum Alloy
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Frequency Range
0.8
2.5
GHz
Impedance
50
Ohms
Insertion Loss
0.6
dB
Input Power
800
Watts
Output VSWR
1.3:1
Isolation
7.5
dB
Phase Balance
± 5
Degrees
Flatness
±0.2
dB
.
Mechanical Specifications
Temperature
Operating Range
-55 to +85 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Way High Power Broadband Combiner From 800 MHz to 2.5 GHz Rated at 800 Watts, Type
N PE20S0010
PE20S0010
PE20S0010 REV 1.1
2 Way High Power Broadband Combiner From
800 MHz to 2.5 GHz Rated at 800 Watts, Type N


Similar Part No. - PE20S0010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
High Power Handling Capability
PE20S0012 PASTERNACK-PE20S0012 Datasheet
465Kb / 6P
High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
High Power Handling Capability
PE20S0015 PASTERNACK-PE20S0015 Datasheet
561Kb / 7P
High Power Handling Capability
More results

Similar Description - PE20S0010

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE20S0002 PASTERNACK-PE20S0002 Datasheet
540Kb / 7P
High Power Handling Capability
PE20S0003 PASTERNACK-PE20S0003 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0005 PASTERNACK-PE20S0005 Datasheet
675Kb / 8P
High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
High Power Handling Capability
PE20S0013 PASTERNACK-PE20S0013 Datasheet
449Kb / 6P
High Power Handling Capability
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com