Electronic Components Datasheet Search
  English  ▼

X  

tef6686 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # tef6686
Description  Low IF tuner high performance one-chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

tef6686 Datasheet(HTML) 1 Page - NXP Semiconductors

  tef6686 Datasheet HTML 1Page - NXP Semiconductors tef6686 Datasheet HTML 2Page - NXP Semiconductors tef6686 Datasheet HTML 3Page - NXP Semiconductors tef6686 Datasheet HTML 4Page - NXP Semiconductors tef6686 Datasheet HTML 5Page - NXP Semiconductors tef6686 Datasheet HTML 6Page - NXP Semiconductors tef6686 Datasheet HTML 7Page - NXP Semiconductors tef6686 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
General description
The Low IF Tuner HIgh performance One chips, TEF6686 and TEF6688, are single-chip
radio ICs including an AM/FM radio tuner and software-defined radio signal processing.
They extend NXP Semiconductors’ broad, industry-proven car radio single tuner portfolio,
offering outstanding radio performance with the widest range of features and state of the
art software algorithms at most optimized system costs.
Both devices are available in HVQFN packages occupying the smallest PCB space and
are suitable for dual- and multi-layer PCBs. The radio receiver includes highest feature
sets, the FM/AM front-ends, tuning synthesizer, channel filtering, FM Channel
Equalization, FM multipath improvement, demodulation, FM stereo decoding, weak signal
processing, noise blanking and RDS and provides an interface to a DARC
demodulator/decoder.
The TEF6686 and TEF6688 can provide stereo audio in digital format on the I²S outputs
and on the audio DAC outputs. The TEF6688 supports the digital radio standards HD
Radio and Digital Radio Mondiale (DRM) digital radio when used with NXP
Semiconductors’ digital radio coprocessors such as SAF356X and SAF360X.
2.
Features and benefits
Alignment free digital receiver including tuner and software-defined radio processing
Command based high-level user interface combining high control flexibility with ease
of control
Read information with device and tuning status, reception quality and RDS data
FM receiver with a tuning range of 65 MHz to 108 MHz covering Eastern Europe
(OIRT), Japan, Europe and US bands
AM receiver covering LW, MW and full SW
Fully integrated tuning system with low phase noise and fast tuning
FM LNA with AGC
State-of-the art FM Improved Multipath Suppression
FM Channel Equalization
Soft Mute on Modulation
Stereo High Blend
FM mixer for frequency conversion to a low IF complex signal (AM SW)
AM LNA with AGC, matching active and passive antenna applications
AM mixer for frequency conversion to a low IF complex signal
TEF668X
Low IF tuner high performance one-chip
Rev. 1 — 30 July 2013
Product short data sheet


Similar Part No. - tef6686

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEF6686HN/V101 NXP-TEF6686HN/V101 Datasheet
126Kb / 8P
Low IF tuner high performance one-chip
Rev. 1-30 July 2013
More results

Similar Description - tef6686

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604A PHILIPS-SA604A Datasheet
140Kb / 13P
High performance low power FM IF system
1997 Nov 07
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
Single Chip Synthesized Zero IF Tuner
logo
Broadcom Corporation.
BCM3419 BOARDCOM-BCM3419 Datasheet
76Kb / 1P
ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
logo
Wuxi Youda electronics ...
YD2111 YOUDA-YD2111 Datasheet
100Kb / 5P
3V AM/FM ONE CHIP TUNER IC
logo
NXP Semiconductors
NE604A PHILIPS-NE604A Datasheet
127Kb / 10P
High performance low power FM IF system
1994 Dec 15
logo
Broadcom Corporation.
BCM3419 BOARDCOM-BCM3419_06 Datasheet
156Kb / 2P
ADVANCED LOW IF DIRECT CONVERSION CABLE TUNER
logo
NXP Semiconductors
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
TEF665X_SDS PHILIPS-TEF665X_SDS_15 Datasheet
127Kb / 8P
DSP-based radio tuner one-chip
Rev. 1-30 July 2013
TEF668X NXP-TEF668X Datasheet
126Kb / 8P
Low IF tuner high performance one-chip
Rev. 1-30 July 2013
TEF665X NXP-TEF665X Datasheet
127Kb / 8P
DSP-based radio tuner one-chip
Rev. 1-30 July 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com