Electronic Components Datasheet Search
  English  ▼

X  

tef6686 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # tef6686
Description  Low IF tuner high performance one-chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

tef6686 Datasheet(HTML) 3 Page - NXP Semiconductors

  tef6686 Datasheet HTML 1Page - NXP Semiconductors tef6686 Datasheet HTML 2Page - NXP Semiconductors tef6686 Datasheet HTML 3Page - NXP Semiconductors tef6686 Datasheet HTML 4Page - NXP Semiconductors tef6686 Datasheet HTML 5Page - NXP Semiconductors tef6686 Datasheet HTML 6Page - NXP Semiconductors tef6686 Datasheet HTML 7Page - NXP Semiconductors tef6686 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TEF668X_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product short data sheet
Rev. 1 — 30 July 2013
3 of 8
NXP Semiconductors
TEF668X
Low IF tuner high performance one-chip
5.
Ordering information
[1]
Wettable sides to allow for optical inspection.
IDDA(IFADC)
IF ADC analog supply current
on pin
VDDA_IFADC
63
74
86
mA
IDDD
digital supply current
on pin VDDD
33
34
46
mA
Current in Standby mode
IDDA(RF)
RF analog supply current
on pin VDDA_RF
0
0.3
2
mA
IDDA(IFADC)
IF ADC analog supply current
on pin
VDDA_IFADC
25
37
45
mA
IDDD
digital supply current
on pin VDDD
15
24
35
mA
Table 1.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEF6686HN/V101
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
 5  0.85 mm[1]
SOT617-3
TEF6688HN/V101



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com