Electronic Components Datasheet Search
  English  ▼

X  

DG528DN Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG528DN
Description  8-Channel Latchable Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG528DN Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG528DN Datasheet HTML 1Page - Maxim Integrated Products DG528DN Datasheet HTML 2Page - Maxim Integrated Products DG528DN Datasheet HTML 3Page - Maxim Integrated Products DG528DN Datasheet HTML 4Page - Maxim Integrated Products DG528DN Datasheet HTML 5Page - Maxim Integrated Products DG528DN Datasheet HTML 6Page - Maxim Integrated Products DG528DN Datasheet HTML 7Page - Maxim Integrated Products DG528DN Datasheet HTML 8Page - Maxim Integrated Products DG528DN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
Maxim’s DG528/DG529 are monolithic, 8-channel,
CMOS multiplexers with on-board address and control
latches that simplify design and reduce board space in
microprocessor-based applications. The DG528 is a
single-ended, 1-of-8 multiplexer, while the DG529 is a
differential, 2-of-8 multiplexer. These devices can oper-
ate as multiplexers or demultiplexers.
The DG528/DG529 have break-before-make switching
to prevent momentary shorting of the input signals.
Each device operates with dual supplies (±4.5V to
±20V) or a single supply (+5V to +30V). All logic inputs
are TTL and CMOS compatible. The Maxim
DG528/DG529 are pin and electrically compatible with
the industry-standard DG528/DG529.
________________________Applications
Data-Acquisition Systems
Automatic Test Equipment
Avionics and Military Systems
Communication Systems
Microprocessor-Controlled Systems
Audio-Signal Multiplexing
____________________________Features
o Low-Power, Monolithic CMOS Design
o On-Board Address Latches
o Break-Before-Make Input Switches
o TTL and CMOS Logic Compatible
o Microprocessor-Bus Compatible
o rDS(ON) < 400Ω
o Pin and Electrically Compatible with the Industry-
Standard DG528/DG529 and ADG528/ADG529
8-Channel Latchable Multiplexers
________________________________________________________________
Maxim Integrated Products
1
_________________Pin Configurations
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-3519; Rev 0; 3/91
PART
DG528CJ
DG528CWN
DG528CK
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
18 Plastic DIP
18 Wide SO
18 CERDIP
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
** Contact factory for availability and processing to MIL-STD-883.
DG528C/D
DG528DJ
-40°C to +85°C
0°C to +70°C
Dice*
18 Plastic DIP
DG528DN
-40°C to +85°C
20 PLCC
DG528EWN
-40°C to +85°C
18 Wide SO
DG528DK
-40°C to +85°C
18 CERDIP
DG528AZ
-55°C to +125°C
20 LCC**
DG528AK
-55°C to +125°C
18 CERDIP**
DG529
MAX133
WR RS
+5V
-5V
MUX AND A/D CONTROL
A0
A1
IN1A
µP INTERFACE
IN1B
IN2A
IN2B
IN3A
OUTA
OUTB
IN3B
IN4A
IN4B
DIFFERENTIAL INPUT FOR DATA-ACQUISITION SYSTEMS
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
RS
A1
A2
GND
V+
S5
S6
S7
S8
WR
A0
EN
V-
S1
S2
S3
S4
D
TOP VIEW
10
9
DIP/SO
DG528
Pin Configurations continued at end of data sheet.


Similar Part No. - DG528DN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG528DN VISHAY-DG528DN Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
DG528DN VISHAY-DG528DN Datasheet
170Kb / 11P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
More results

Similar Description - DG528DN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG428 AD-ADG428 Datasheet
157Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV.C
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
Analog CMOS Latchable Multiplexers
April 1999
logo
Maxim Integrated Produc...
MAX382 MAXIM-MAX382 Datasheet
106Kb / 12P
Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers with Latchable Inputs
19-0396; Rev. 0; 5/95
logo
Vishay Siliconix
DG428 VISHAY-DG428 Datasheet
131Kb / 11P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
06-Sep-99
DG528 VISHAY-DG528 Datasheet
129Kb / 10P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
15-Nov-93
DG428 VISHAY-DG428_11 Datasheet
179Kb / 14P
Single 8-Ch/Differential 4-Ch Latchable Analog Multiplexers
04-Jul-11
DG528 VISHAY-DG528_11 Datasheet
176Kb / 12P
Latchable Single 8-Ch/Differential 4-Ch Analog Multiplexers
23-May-11
logo
Analog Devices
ADG428BRZ AD-ADG428BRZ Datasheet
165Kb / 12P
LC2MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG428 AD-ADG428_15 Datasheet
165Kb / 12P
LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
ADG429 AD-ADG429_15 Datasheet
165Kb / 12P
LC MOS Latchable 4-/8-Channel High Performance Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com