Electronic Components Datasheet Search
  English  ▼

X  

DG528DN Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DG528DN
Description  8-Channel Latchable Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG528DN Datasheet(HTML) 3 Page - Maxim Integrated Products

  DG528DN Datasheet HTML 1Page - Maxim Integrated Products DG528DN Datasheet HTML 2Page - Maxim Integrated Products DG528DN Datasheet HTML 3Page - Maxim Integrated Products DG528DN Datasheet HTML 4Page - Maxim Integrated Products DG528DN Datasheet HTML 5Page - Maxim Integrated Products DG528DN Datasheet HTML 6Page - Maxim Integrated Products DG528DN Datasheet HTML 7Page - Maxim Integrated Products DG528DN Datasheet HTML 8Page - Maxim Integrated Products DG528DN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
8-Channel Latchable Multiplexers
_______________________________________________________________________________________
3
Note 2: Guaranteed by design.
Note 3: Sequence each switch on.
Note 4: ID(ON) is leakage from driver into on switch.
Note 5: Reset pulse period must be at least 50µs during or after power-on.
ELECTRICAL CHARACTERISTICS
(V+ = 15V, V- = -15V, VEN = 2.4V, WR = 0V, RS = 2.4V, TA = TMIN to TMAX, unless otherwise noted.)
Figure 7
(Stabilization Time) Figure 7
(Hold Time) Figure 7
Figure 7; VS = 5V (Note 5)
300
15
180
12
30
10
500
150
WR Pulse Width
tWW
300
150
ns
AX, EN Data
Valid to WR
tDW
180
120
ns
AX, EN Data
Valid after WR
tWD
30
10
ns
RS Pulse Width
tRS
500
150
ns
TA = +25°C
TA = +25°C
f = 1MHz
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
VEN = 0V, RL = 1kΩ,
CL = 15pF,
VS = 7VRMS, f = 500kHz
Figure 6
Figures 3, 5
Figures 3, 4
VEN = 0V, f = 140kHz,
VS = 0V
DG528
Figure 1
Figure 2
DG52_C/D/E
MIN
TYP
MAX
68
4
1.5
1.5
2.5
5
1.5
0.2
25
12
0.003
2.5
-1.5
0.01
PARAMETER
SYMBOL
DG52_A
MIN
TYP
MAX
UNITS
Off Isolation
OIRR
68
dB
Charge Injection
Q
4
pC
Enable, Reset Turn-Off
Time
tOFF(EN, RS)
0.4
1
µs
Enable, Write Turn-On
Time
tON(EN, WR)
1.0
1.5
µs
Logic-Input
Capacitance
CIN
2.5
pF
Source-Off
Capacitance
CS(OFF)
5
pF
Switching Time of
Multiplexer
tTRANS
0.4
1
µs
Break-Before-Make
Interval
tOPEN
0.2
µs
25
Drain-Off Capacitance
CD(OFF)
12
pF
Positive Supply
Current
I+
0.003
2.5
mA
Negative Supply
Current
I-
-1.5
0.01
mA
CONDITIONS
VEN = 0V,
f = 140kHz,
VS = 0V
VEN = VAH = 0V
VEN = VAH = 0V
DG529
DYNAMIC
SUPPLY
MINIMUM INPUT TIMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com