Electronic Components Datasheet Search
  English  ▼

X  

AUIRFP2907Z Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AUIRFP2907Z
Description  Ultra Low On-Resistance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AUIRFP2907Z Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AUIRFP2907Z Datasheet HTML 3Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 4Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 5Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 6Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 7Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 8Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 9Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 10Page - List of Unclassifed Manufacturers AUIRFP2907Z Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AUIRFP2907Z
www.irf.com
7
QG
QGS
QGD
VG
Charge
10 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
Fig 14. Threshold Voltage vs. Temperature
RG
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
1K
VCC
DUT
0
L
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
500
1000
1500
2000
2500
ID
TOP
16A
25A
BOTTOM 90A
-75 -50 -25
0
25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
ID = 250µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com