Electronic Components Datasheet Search
  English  ▼

X  

DG423C/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DG423C/D
Description  Improved Low-Power, CMOS Analog Switches with Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG423C/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DG423C/D Datasheet HTML 4Page - Maxim Integrated Products DG423C/D Datasheet HTML 5Page - Maxim Integrated Products DG423C/D Datasheet HTML 6Page - Maxim Integrated Products DG423C/D Datasheet HTML 7Page - Maxim Integrated Products DG423C/D Datasheet HTML 8Page - Maxim Integrated Products DG423C/D Datasheet HTML 9Page - Maxim Integrated Products DG423C/D Datasheet HTML 10Page - Maxim Integrated Products DG423C/D Datasheet HTML 11Page - Maxim Integrated Products DG423C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
_______________________________________________________________________________________
9
_____________________________________________Pin Configurations (continued)
21
20
D3
S3
N.C.
S4
D4
18
17
16
15
14
4
5
6
7
8
V-
GND
N.C.
VL
V+
319
13
910
11
12
DG423
DG425
PLCC
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
S1
IN1
V-
GND
S3
D3
WR
D1
DG423
DG425
VL
V+
IN2
S2
D2
RS
D4
S4
DIP
_____________________________Functional Diagrams/Truth Tables (continued)
WR
RS
IN
SWITCH 1, 2
0
1
0
1
Off
On
LOGIC "O"
≤ 0.8V
LOGIC "1"
≥ 2.4V
DG423 TRUTH TABLE
D2
D1
CK
D
Q
TWO SPDT SWITCHES PER PACKAGE
S1
WR
IN1
IN2
RS
S2
DG423
S3
R
Q
CK
D
Q
R Q
S4
D3
D4
SWITCH 3, 4
On
Off
D2
D1
CK
D
TWO DPST SWITCHES PER PACKAGE
S1
WR
IN1
IN2
RS
S2
DG425
S3
R
Q
CK
D
R Q
S4
D3
D4
WR RS IN SWITCH
01
0
1
Off
On
LOGIC "O"
≤ 0.8V
LOGIC "1"
≥ 2.4V
DG425 TRUTH TABLE
LATCH OPERATION TRUTH TABLE
WR
RS
IN
X1
X1
LATCH/SWITCH X
X
X
0
0
X
X
Latch operation transparent.
Control data latched in.
Switches on or off as selected by last IN.
All latches reset. Switches on or off as
when IN = 0, WR = 0, RS = 1.
TOP VIEW
N.C. = No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com