Electronic Components Datasheet Search
  English  ▼

X  

DG423C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DG423C/D
Description  Improved Low-Power, CMOS Analog Switches with Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG423C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  DG423C/D Datasheet HTML 1Page - Maxim Integrated Products DG423C/D Datasheet HTML 2Page - Maxim Integrated Products DG423C/D Datasheet HTML 3Page - Maxim Integrated Products DG423C/D Datasheet HTML 4Page - Maxim Integrated Products DG423C/D Datasheet HTML 5Page - Maxim Integrated Products DG423C/D Datasheet HTML 6Page - Maxim Integrated Products DG423C/D Datasheet HTML 7Page - Maxim Integrated Products DG423C/D Datasheet HTML 8Page - Maxim Integrated Products DG423C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
4
_______________________________________________________________________________________
50
55
20
-20
ON-RESISTANCE vs. VD
(DUAL-SUPPLIES)
25
45
VD (V)
10
35
30
-10
0
20
40
15
10
5
A: V+ = 5V, V- = -5V
B: V+ = 10V, V- = -10V
C: V+ = 15V, V- = -15V
D: V+ = 20V, V- = -20V
A
B
C
D
35
5
-20
ON-RESISTANCE vs. VD AND
TEMPERATURE (DUAL SUPPLIES)
10
30
VD (V)
20
20
15
-10
10
25
0
V+ = 15V, V- = -15V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
140
20
0
ON-RESISTANCE vs. VD
(SINGLE SUPPLY)
40
120
VD (V)
20
80
60
515
100
10
V+ = 5V
V- = 0V
V+ = 10V
V+ = 15V
V+ = 20V
70
10
0
ON-RESISTANCE vs. VD AND
TEMPERATURE (SINGLE SUPPLY)
20
60
VD (V)
20
40
30
515
50
10
V+ = 12V, V- = 0V
TA = +125°C
TA = +85°C
TA = +25°C
100
0.0001
-75
125
OFF LEAKAGE CURRENTS vs.
TEMPERATURE
0.001
10
TEMPERATURE (°C)
0.1
0.01
25
1
V+ = 16.5V
V- = -16.5V
VD = ±15V
VS = ±15V
100
0.0001
-75
125
ON LEAKAGE CURRENTS vs.
TEMPERATURE
0.001
10
TEMPERATURE (°C)
0.1
0.01
25
1
V+ = 16.5V
V- = -16.5V
VD = ±15V
VS = ±15V
60
-60
-20
20
CHARGE INJECTION vs.
ANALOG VOLTAGE
-40
40
VD (V)
10
0
-20
-10
0
20
V+ = 15V, V- = -15V
100
0.0001
-75
125
SUPPLY CURRENT vs.
TEMPERATURE
0.001
10
TEMPERATURE (°C)
0.1
0.01
25
1
I+ at V+ = 16.5V
I- at V- = -16.5V
IL at VL = 5V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com