Electronic Components Datasheet Search
  English  ▼

X  

DG421 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG421
Description  Improved Low-Power, CMOS Analog Switches with Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG421 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG421 Datasheet HTML 1Page - Maxim Integrated Products DG421 Datasheet HTML 2Page - Maxim Integrated Products DG421 Datasheet HTML 3Page - Maxim Integrated Products DG421 Datasheet HTML 4Page - Maxim Integrated Products DG421 Datasheet HTML 5Page - Maxim Integrated Products DG421 Datasheet HTML 6Page - Maxim Integrated Products DG421 Datasheet HTML 7Page - Maxim Integrated Products DG421 Datasheet HTML 8Page - Maxim Integrated Products DG421 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
S1
IN1
V-
GND
N.C.
N.C.
WR
D1
DG421
VL
V+
IN2
S2
D2
RS
N.C.
N.C.
DIP
_________________Pin Configurations
SWITCHES SHOWN FOR
LOGIC "1" INPUT
D2
D1
CK
R
DQ
CK
R
DQ
TWO SPST SWITCHES
PER PACKAGE
WR RS IN
SWITCH
01
0
1
Off
On
LOGIC "O"
≤ 0.8V
LOGIC "1"
≥ 2.4V
DG421 TRUTH TABLE
S1
WR
IN1
IN2
RS
S2
DG421
__Functional Diagrams/Truth Tables
Call toll free 1-800-998-8800 for free samples or literature.
19-0137; Rev 1; 3/94
_______________General Description
Maxim’s redesigned DG421/DG423/DG425 monolithic
analog switches now feature guaranteed on-resistance
matching (3
Ω max) between switches and on-resistance
flatness over the signal range (4
Ω max). These low on-
resistance switches (20
Ω typ) conduct equally well in both
directions. They guarantee a low charge injection of 15pC
maximum and an ESD tolerance of 2000V minimum per
Method 3015.7. Off leakage current over temperature has
also been reduced (less than 5nA at +85°C).
The DG421/DG423/DG425 are precision, dual CMOS
switches with latchable logic inputs that simplify inter-
facing with microprocessors (µPs). The single-pole/single-
throw DG421 and double-pole/single-throw DG425 are
normally open dual switches. The dual, single-
pole/double-throw DG423 has two normally open and
two normally closed switches. Fast switching times
(175ns for tON and 145ns for tOFF) and low power
consumption (35µW max) make these parts ideal for
battery-powered applications requiring µP-compatible
switches. Operation is from a single +10V to +30V supply,
or bipolar ±4.5V to ±20V supplies. Fabricated with the
same 44V silicon-gate process, these switches have
rail-to-rail signal handling capabilities.
_______________________Applications
Sample-and-Hold Circuits
Modems
Fax Machines
Test Equipment
Battery-Operated Systems
PBX, PABX
Guidance and Control Systems
Military Radios
Audio Signal Routing
Communication Systems
______________________New Features
o Plug-In Upgrades for Industry-Standard
DG421/DG423/DG425
o Improved r(DS)ON Match Between Channels (3
Ω max)
o Guaranteed rFLAT(ON) Over Signal Range (4
Ω max)
o Improved Charge Injection (15pC max)
o Improved Off Leakage Current Over Temperature
(<5nA at +85°C)
o Withstands Electrostatic Discharge (2000V min)
per Method 3015.7
__________________Existing Features
o Low rDS(ON) (35
Ω max)
o Single-Supply Operation +10V to +30V
Bipolar-Supply Operation ±4.5V to ±20V
o Low Power Consumption (35µW max)
o Rail-to-Rail Signal Handling Capability
o TTL/CMOS-Logic Compatible
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883B.
Functional Diagrams/Truth Tables continued at end of data sheet.
N.C. = No Internal Connection
Pin Configurations continued at end of data sheet.
16 CERDIP**
-55°C to +125°C
DG421AK
16 SO
-40°C to +85°C
DG421DY
Dice*
0°C to +70°C
DG421C/D
0°C to +70°C
16 CERDIP
-40°C to +85°C
DG421DK
16 Plastic DIP
-40°C to +85°C
DG421DJ
16 SO
0°C to +70°C
DG421CY
16 Plastic DIP
DG421CJ
PIN-PACKAGE
TEMP. RANGE
PART


Similar Part No. - DG421

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DG42-B1A HIROSE-DG42-B1A Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B1AA HIROSE-DG42-B1AA Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B2A HIROSE-DG42-B2A Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B2AA HIROSE-DG42-B2AA Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
DG42-B3A HIROSE-DG42-B3A Datasheet
916Kb / 4P
Snap-Action Switches Insert molding terminals
More results

Similar Description - DG421

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
Improved Quad CMOS Analog Switches
06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
Improved Quad CMOS Analog Switches
14-Jul-97
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
Improved Quad CMOS Analog Switches
24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
Improved Quad CMOS Analog Switches
11-Jun-07
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
Improved Quad CMOS Analog Switches
25-Jun-07
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
Improved Quad CMOS Analog Switches
07-Feb-11
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
Improved Quad CMOS Analog Switches
28-Feb-11
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
Improved Quad CMOS Analog Switches
19-Mar-12
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com