Electronic Components Datasheet Search
  English  ▼

X  

DG421 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DG421
Description  Improved Low-Power, CMOS Analog Switches with Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG421 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DG421 Datasheet HTML 2Page - Maxim Integrated Products DG421 Datasheet HTML 3Page - Maxim Integrated Products DG421 Datasheet HTML 4Page - Maxim Integrated Products DG421 Datasheet HTML 5Page - Maxim Integrated Products DG421 Datasheet HTML 6Page - Maxim Integrated Products DG421 Datasheet HTML 7Page - Maxim Integrated Products DG421 Datasheet HTML 8Page - Maxim Integrated Products DG421 Datasheet HTML 9Page - Maxim Integrated Products DG421 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
6
_______________________________________________________________________________________
D
-15V
(
)
V-
RL
VOUT
V+
+15V
+5V
VL
GND
VD = 10V for tON
VD = -10V for tOFF
IN
LOGIC
INPUT
REPEAT TEST FOR IN2 AND S2.
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
CL
SWITCH OUTPUT
S
LOGIC
INPUT
SWITCH
OUTPUT
tR < 20ns
tF < 20ns
VOUT
tOFF
50%
3V
0V
0V
NOTE: LOGIC INPUT WAVEFORM IS INVERTED FOR
SWITCHES THAT HAVE THE OPPOSITE LOGIC SENSE.
DG421
DG423
DG425
VOUT = VD
RL
RL + rDS(ON)
0.9 x VOUT
0.9 x VOUT
-VOUT
tON
*VD = 10V for tON, VD = -10V for tOFF
Figure 2. Switching Time
3V
0
3V
0
3V
0
VOUT
0
WR
IN
RS
SWITCH
OUTPUT
1.5V
tWW
tDW
tWD
2.0V
0.8V
1.5V
tRS
tOFF(RS)
0.8 x VOUT
Figure 3. Latch Timing
VOUT is the steady-state output with the switch on. Feedthrough via switch capacitance may result in spikes at the
leading and trailing edge of the output waveform.
______________________________________________Timing Diagrams/Test Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com