Electronic Components Datasheet Search
  English  ▼

X  

MAX1007CAG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1007CAG
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007CAG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1007CAG Datasheet HTML 4Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 5Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 6Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 7Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 8Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 9Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 10Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 11Page - Maxim Integrated Products MAX1007CAG Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
by the counter. Data is clocked into DIN or the falling
edge of SCLK, and is clocked out of DOUT on SCLK’s
rising edge. The serial interface is always active.
The SCLK and DIN idle state is low (Figure 4). The first
“1” clocked in after CS goes low is the start bit, signify-
ing the beginning of a 16-bit data word. The command
and data input registers are cleared and the counter is
started. The next 7 bits are latched in the command
register.
Command Byte
The command byte (Figure 4d) consists of three
address bits (A2, A1, A0), two power-mode bits (RxEN,
TxEN), a shutdown control bit (SD), and a load data bit
(LD). Table 1 lists the address and data-byte defini-
tions.
SD is the software control for the GaAs FET bias gener-
ator shutdown pin and GDAC. Resetting SD to “0”
causes SDG to go low and disables GDAC. The SDG
output is updated if LD is set high.
LD is the software control to update the output regis-
ters. During a write operation, the addressed DAC’s
input buffer is updated. With LD reset to “0,” the DAC
register and DAC output remain unchanged. With LD
set to “1,” all DACs and power-class registers are
simultaneously updated to the values in their input reg-
isters immediately after the last data bit (including DAC
values, power-class bits, F/R bit, RSSI and ADC input
selections, SDG, and power-down bits).
After a 16-bit read cycle, pull CS high. The interface is
now ready for a new command sequence. During a
read operation, the ADC conversion result is output to
DOUT. With LD set to “1,” all other outputs and power-
class registers are also updated.
Write Command
The 8 data bits are latched in the data input register.
The command byte is decoded, and the data bits are
transferred to the appropriate registers.
Read Command
After the command byte is decoded, the last 8 clocks
output data, MSB first, from the ADC output register to
DOUT (Figure 4b). After a 16-bit read cycle, pull CS
high. The interface is now ready for a new command
sequence.
To minimize the delay between the power-sense measure-
ment and the ADC output, program a ‘READ ADC’ com-
mand prior to making the power-sense measurement and
clock out the data as soon as the conversion is complete
(Figure 4b). This reduces the delay by 8 clock cycles.
To minimize the delay between the power-sense measure-
ment and the ADC output, program a “READ ADC” com-
mand prior to making the power-sense measurement and
clock out the data as soon as the conversion is complete
(Figure 4b). This reduces the delay by F clock cycles.
Mobile-Radio Analog Controller
10
______________________________________________________________________________________
CS
SCLK
ACTIVE ADC
DOUT
CLOCK COMMAND
BYTE INTO DIN
WRITE A
“READ ADC”
COMMAND
CLOCK CONVERSION
DATA ONTO DOUT
ADC CONVERSION DATA
t9
POWER-SENSE
MEASUREMENTS
CLOCK OUT
CONVERSION
RESULT
Figure 4b. Clock Command Conversion
READ
CS
SCLK
DOUT
t3
t4
t5
t8
t6
t7
WRITE
SCLK
DIN
t1
t2
Figure 4a. Read/Write Detailed Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com