Electronic Components Datasheet Search
  English  ▼

X  

BP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # BP
Description  Have high frequency and high ripple current characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

BP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  BP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 7a
BP Series
(Bi-Polarized, 85°C) MERITEK
Aluminum Electrolytic Capacitors
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
Rated Working Voltage
25 ~ 50VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M) , 10%(K)
Leakage Current
(20
C)
100 (
A) After 5 minutes in both directions
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
25
35
50
S.V.
32
44
63
Dissipation Factor ( tan
 )
(120Hz 20
C)
tan
 ≤ 0.05
Low Temperature Stability
Capacitance change shall be within
10% of the value at 25C over operation temperature range.
Load Life
After 2000 hours application of W.V. and +85
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage ) ( The polarity need to
exchange every 250 hours )
Capacitance Change
15% of initial.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
FEATURES
 Have high frequency and high ripple current characteristics.
 Suitable for equalizing of horizontal deflection of TV sets and terminals.
SPECIFICATIONS
PART NUMBER SYSTEM
BP
50V
120 M TA 22x40
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros.
‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%, 10%(K)
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size
– (D) Diameter x (L) Length in mm (Optional)
DIMENSIONS (mm)
D
10
12.5
16
18
22
F
5.0
5.0
7.5
7.5
10.0
d
0.6
0.6
0.8
0.8
1.0

1.5
1.5
1.5
1.5
2.0


Similar Description - BP

ManufacturerPart #DatasheetDescription
logo
Surge Components
HBV SURGE-HBV Datasheet
501Kb / 3P
low esr and high ripple current
HBW SURGE-HBW Datasheet
486Kb / 3P
low esr and high ripple current
logo
jb Capacitors Company
JNC JBCAPACITORS-JNC Datasheet
607Kb / 3P
High ripple current
JNE JBCAPACITORS-JNE Datasheet
500Kb / 3P
High ripple current
JNJ JBCAPACITORS-JNJ Datasheet
594Kb / 4P
High ripple current
JNK JBCAPACITORS-JNK Datasheet
499Kb / 1P
High ripple current
logo
Illinois Capacitor, Inc...
JZM ILLINOISCAPACITOR-JZM Datasheet
207Kb / 2P
Very Low ESR - High Frequency ??High Ripple Current
MPW ILLINOISCAPACITOR-MPW Datasheet
190Kb / 2P
Low ESR - High AC/Ripple Current - Stable with frequency and
logo
Surge Components
SGV SURGE-SGV Datasheet
331Kb / 3P
High ripple current
logo
World Produts Inc.
PCPW225 WPI-PCPW225 Datasheet
256Kb / 8P
High ripple current
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com