Electronic Components Datasheet Search
  English  ▼

X  

BP Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # BP
Description  Have high frequency and high ripple current characteristics
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

BP Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  BP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION BP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 7a
BP Series
(Bi-Polarized, 85°C) MERITEK
Aluminum Electrolytic Capacitors
CASE SIZE & MAX RIPPLE CURRENT
Case size
: DxL
(mm)
E.S.R
: Ω
20
C 120Hz
Max. ripple current
: A(p-p)
85
C 15.75kHz
Cap.
(uF)
V
25
35
50
Item
DxL
E.S.R
R.C.
DxL
E.S.R.
R.C.
DxL
E.S.R.
R.C.
2.2
10x20
30.14
2.80
12.5x25
30.14
3.50
12.5x25
30.14
3.50
3.3
12.5x25
20.10
4.50
16x25
20.10
4.80
16x25
20.10
4.80
4.7
12.5x25
14.11
5.50
16x31.5
14.11
6.50
16x31.5
14.11
6.50
6.8
16x31.5
9.75
7.50
16x35.5
9.75
8.00
16x35.5
9.75
8.00
8.2
16x31.5
8.09
8.50
18x35.5
8.09
9.50
18x35.5
8.09
9.50
10
16x35.5
6.63
10.00
18x35.5
6.63
10.50
18x35.5
6.63
10.50
12
18x35.5
5.53
11.50
22x40
5.53
12.00
22x40
5.53
12.00
18
22x40
3.68
13.00



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com