Electronic Components Datasheet Search
  English  ▼

X  

CST Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # CST
Description  High power rating up to 3 Watts in 2512 size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CST Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CST Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
 
 
 
Rev. 7
 
Thin Film Current Sensing Chip
Resistor
MERITEK
CST Series
 
Packaging 
Paper Tape Specifications
W
E
F
ψ D0
P1
P2
P0
direction of unreeling
A
B
Top Tape
Bottom Tape
Resistor
Paper Tape
T
 
Unit: mm
Type
A
B
W
E
F
P0
P1
P2
ψD0
T
CST0402 0.70±0.05
1.16±0.05
8.00±0.10
1.75±0.05
3.5±0.05
4.00±0.10
2.00±0.05
2.00±0.05
1.55±0.05
0.40±0.03
CST0603 1.10±0.05
1.90±0.05
8.00±0.10
1.75±0.05
3.5±0.05
4.00±0.10
4.00±0.10
2.00±0.05
1.55±0.05
0.60±0.03
CST0805 1.60±0.05
2.37±0.05
8.00±0.10
1.75±0.05
3.5±0.05
4.00±0.10
4.00±0.10
2.00±0.05
1.55±0.05
0.75±0.05
CST1206 2.00±0.05
3.55±0.05
8.00±0.10
1.75±0.05
3.5±0.05
4.00±0.10
4.00±0.10
2.00±0.05
1.55±0.05
0.75±0.05
 
Peel force of top cover tape
The peel speed shall be about 300mm/min±5%
The peel force of top cover tape shall be between 10 to 100g
 
 
Type
ψA
ΦB
ψC
W
T
Paper
Tape
(EA)
Emboss
Plastic Tape
(EA)
CST0402
178.0±1.0 60.0+1.0 13.5±0.7
9.5±1.0
11.5±1.0
10,000
CST0603
178.0±1.0 60.0+1.0 13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
CST0805
178.0±1.0 60.0+1.0 13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
CST1206 178.0±1.0 60.0+1.0 13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
CST2010
178.0±1.0 60.0+1.0 13.5±0.7 13.5±1.00 15.5±1.0
-
4,000
CST2512
178.0±1.0 60.0+1.0 13.5±0.7 13.5±1.00 15.5±1.0
-
4,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com