Electronic Components Datasheet Search
  English  ▼

X  

CST Datasheet(PDF) 5 Page - MERITEK ELECTRONICS CORPORATION

Part # CST
Description  High power rating up to 3 Watts in 2512 size
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CST Datasheet(HTML) 5 Page - MERITEK ELECTRONICS CORPORATION

  CST Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CST Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
 
 
 
Rev. 7
 
Thin Film Current Sensing Chip
Resistor
MERITEK
CST Series
Emboss Plastic Tape Specifications
W
E
F
ψ D0
P1
P2
P0
direction of unreeling
A
B
Top Tape
Resistor
Emboss Tape
T
ψ D1 1.4Min.
              
Unit: mm
Type
A
B
W
E
F
P0
P1
P2
ψD0
T
CST2010
2.85±0.10
5.45±0.10
12.0±0.10
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
CST2512
3.40±0.10
6.65±0.10
12.0±0.10
1.75±0.10
5.5±0.05
4.00±0.05
4.00±0.10
2.00±0.05
1.50+0.10
1.00±0.20
 Peel force of top cover tape
 The peel speed shall be about 300mm/min±5%
 The peel force of top cover tape shall be between 10 to 130g
 
    
Marking
0603 3digit marking
Example:
Resistance
1
0.1
0.15
0.01
0.101
0.035Ω
Codes
1R0
R10
R15
R01
101
035
0805~2512 4digit marking
Example:
 
 
 
 
 
 
 
 
 
Resistance
1
0.1
0.05
0.015
0.01
Codes
1R00
R100
R050
R015
R010



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com