Electronic Components Datasheet Search
  English  ▼

X  

MI Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MI
Description  For general purposes series with 7mm height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MI Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MI Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 7a
MI Series
(85°C,7mmL) MERITEK
Aluminum Electrolytic Capacitors
D
4
5
6.3
8
F
1.5
2.0
2.5
3.5
d
0.45
0.45
0.45
0.50
a
1.0
1.0
1.0
1.0
FEATURES
For general purposes series with 7mm height.
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
Rated Working Voltage
4 ~ 63VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.01CV or 3 (A)
I : Leakage Current (
A)
C : Rated Capacitance(
F)
*Whichever is greater after 2 minutes
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
4
6.3
10
16
25
35
50
63
S.V.
5
8
13
20
32
44
63
79
Dissipation Factor ( tan
 )
(120Hz 20
C)
W.V.
4
6.3
10
16
25
35
50~63
tan

0.35
0.24
0.20
0.16
0.14
0.12
0.10
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
4
6.3
10
16
25
35
50~63
-25
C / +20C
6
4
3
2
2
2
2
-40
C / +20C
12
8
6
4
4
3
3
Load Life
After 1000 hours application of W.V. and +85
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage )
Capacitance Change
20% of initial.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +85
C no voltage application after 1000 hours the capacitor shall meet the limits for load life
characteristics.
( with voltage treatment )
PART NUMBER SYSTEM
DIMENSIONS (mm)
MI 50V 330 M TA 8x7
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros.
‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size
– (D) Diameter x (L) Length in mm (Optional)


Similar Description - MI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UVX1A331MPA ETC1-UVX1A331MPA Datasheet
321Kb / 2P
Standard series for general purposes
logo
Vishay Siliconix
TDFZ170229 VISHAY-TDFZ170229 Datasheet
223Kb / 3P
Pot Capacitors for Coupling Purposes
24-Jan-02
logo
List of Unclassifed Man...
MS3474L12-3P ETC1-MS3474L12-3P Datasheet
204Kb / 12P
For all general purposes in military ap plications
logo
Nichicon corporation
TVX1J332MDD NICHICON-TVX1J332MDD Datasheet
53Kb / 2P
Axial lead type of standard series for general purposes.
TVX1H101MAD NICHICON-TVX1H101MAD Datasheet
52Kb / 2P
Axial lead type of standard series for general purposes.
logo
MERITEK ELECTRONICS COR...
RB MERITEK-RB Datasheet
1Mb / 8P
This series has high value of CV for general purposes
logo
Illinois Capacitor, Inc...
104PGM050M ILLINOISCAPACITOR-104PGM050M_16 Datasheet
214Kb / 2P
7mm Height, General Purpose, 1000 hours
475PUM050M ILLINOISCAPACITOR-475PUM050M_16 Datasheet
201Kb / 2P
7mm Height, General Purpose, 1000 hours
logo
Nichicon corporation
USA1A330MDD NICHICON-USA1A330MDD Datasheet
578Kb / 1P
7mmL, For General Purposes
logo
List of Unclassifed Man...
MBS3000 ETC-MBS3000 Datasheet
627Kb / 6P
Pressure transmitter for general industrial purposes
2017.09
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com