Electronic Components Datasheet Search
  English  ▼

X  

MI Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MI
Description  For general purposes series with 7mm height
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MI Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MI Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION MI Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Rev. 7a
MI Series
(85°C,7mmL) MERITEK
Aluminum Electrolytic Capacitors
CASE SIZE & MAX RIPPLE CURRENT
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 85
C 120Hz
Cap.
(uF)
V
4
6.3
10
16
25
35
50
63
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
 4x7
4
4x7
4
0.22
 4x7
6
4x7
6
0.33
 4x7
7
4x7
7
0.47
 4x7
8
4x7
8
1.0
 4x7
12
4x7
12
2.2
 4x7
18
4x7
18
3.3
 4x7
20
4x7
22
5x7
25
4.7
 4x7
22
4x7
24
4x7
26
6.3x7
34
10
 4x7
30
4x7
32
5x7
39
6.3x7
49
6.3x7
49
22
 4x7
36
4x7
40
4x7
44
5x7
55
6.3x7
65
8x7
85
33
4x7
37
4x7
44
4x7
49
5x7
60
6.3x7
75
8x7
95
8x7
100
47
4x7
44
5x7
60
5x7
65
5x7
75
8x7
100
8x7
110
8x7
110
100
5x7
70
6.3x7
100
6.3x7
110
6.3x7
120
8x7
150
220
6.3x7
120
8x7
170
8x7
190
8x7
210
330
8x7
170
8x7
210
All blank voltage on sleeve marking is the same voltage as
“” point to.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com