Electronic Components Datasheet Search
  English  ▼

X  

MAX1084AESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1084AESA
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084AESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1084AESA Datasheet HTML 4Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 5Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 6Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 7Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 8Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 9Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 10Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 11Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
8
_______________________________________________________________________________________
_______________Detailed Description
Converter Operation
The MAX1084/MAX1085 use an input track/hold (T/H)
and successive-approximation register (SAR) circuitry to
convert an analog input signal to a digital 10-bit output.
Figure 3 shows the MAX1084/MAX1085 in their simplest
configuration. The internal reference is trimmed to 2.5V.
The serial interface requires only three digital lines
(SCLK, CS, and DOUT) and provides an easy interface to
microprocessors (
µPs).
The MAX1084/MAX1085 have two modes: normal and
shutdown. Pulling SHDN low shuts the device down and
reduces supply current to 2µA (typ); pulling SHDN high
puts the device into operational mode. Pulling CS low ini-
tiates a conversion that is driven by SCLK. The conver-
sion result is available at DOUT in unipolar serial format.
The serial data stream consists of three zeros, followed
by the data bits (MSB first). All transitions on DOUT
occur 20ns after the rising edge of SCLK. Figures 8 and
9 show the interface timing information.
Analog Input
Figure 4 shows the sampling architecture of the ADC’s
comparator. The full-scale input voltage is set by the
internal reference (VREF = +2.5V).
Track/Hold
In track mode, the analog signal is acquired and stored
in the internal hold capacitor. In hold mode, the T/H
switch opens and maintains a constant input to the
ADC’s SAR section.
During acquisition, the analog input AIN charges
capacitor CHOLD. Bringing CS low ends the acquisition
interval. At this instant, the T/H switches the input side
of CHOLD to GND. The retained charge on CHOLD repre-
sents a sample of the input, unbalancing node ZERO at
the comparator’s input.
In hold mode, the capacitive digital-to-analog converter
(DAC) adjusts during the remainder of the conversion
cycle to restore node ZERO to 0 within the limits of 10-
bit resolution. This action is equivalent to transferring a
charge from CHOLD to the binary-weighted capacitive
DOUT
DOUT
6k
DGND
CLOAD = 20pF
CLOAD = 20pF
6k
DGND
VDD
b) HIGH-Z TO VOL AND VOH TO VOL
a) HIGH-Z TO VOH AND VOL TO VOH
DOUT
DOUT
6k
DGND
CLOAD = 20pF
CLOAD = 20pF
6k
DGND
VDD
b) VOLTO HIGH-Z
a) VOH TO HIGH-Z
Figure 1. Load Circuits for DOUT Enable Time
Figure 2. Load Circuits for DOUT Disable Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com