Electronic Components Datasheet Search
  English  ▼

X  

MAX1084AESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1084AESA
Description  400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1084AESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1084AESA Datasheet HTML 1Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 2Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 3Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 4Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 5Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 6Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 7Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 8Page - Maxim Integrated Products MAX1084AESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1084/MAX1085 10-bit analog-to-digital convert-
ers (ADCs) combine a high-bandwidth track/hold, a serial
interface with high conversion speed, an internal +2.5V
reference, and low power consumption. The MAX1084
operates from a single +4.5V to +5.5V supply; the
MAX1085 operates from a single +2.7V to +3.6V supply.
The 3-wire serial interface connects directly to
SPI™/QSPI™/MICROWIRE™ devices without external
logic. The devices use an external serial-interface clock to
perform successive-approximation analog-to-digital con-
versions.
Low power combined with ease of use and small pack-
age size make these converters ideal for remote-sensor
and data-acquisition applications, or for other circuits with
demanding power consumption and space requirements.
The MAX1084/MAX1085 are available in 8-pin SO
packages.
These devices are pin-compatible, higher-speed versions
of the MAX1242/MAX1243; for more information, refer to
the respective data sheets.
Applications
Portable Data Logging
Data Acquisition
Medical Instruments
Battery-Powered Instruments
Pen Digitizers
Process Control
Features
o Single-Supply Operation
+4.5V to +5.5V (MAX1084)
+2.7V to +3.6V (MAX1085)
o 10-Bit Resolution
o 400ksps Sampling Rate (MAX1084)
o Internal Track/Hold
o Internal +2.5V Reference
o Low Power: 2.5mA (400ksps)
o SPI/QSPI/MICROWIRE 3-Wire Serial Interface
o Pin-Compatible, High-Speed Upgrade to
MAX1242/MAX1243
o 8-Pin SO Package
400ksps/300ksps, Single-Supply, Low-Power,
Serial 10-Bit ADCs with Internal Reference
________________________________________________________________ Maxim Integrated Products
1
19-1686; Rev 0; 5/00
PART
MAX1084ACSA
MAX1084BCSA
MAX1084AESA
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP.
RANGE
PIN-
PACKAGE
8 SO
8 SO
8 SO
Pin Configuration
Ordering Information
INL
(LSB)
±1/2
±1
±1/2
MAX1084BESA
MAX1085ACSA
MAX1085BCSA
0°C to +70°C
0°C to +70°C
-40°C to +85°C
8 SO
8 SO
8 SO
±1
±1/2
±1
MAX1085AESA
MAX1085BESA
-40°C to +85°C
-40°C to +85°C
8 SO
8 SO
±1/2
±1
7
AIN
T/H
DOUT
6
1
5
OUTPUT
SHIFT
REGISTER
CONTROL
LOGIC
2.5V
REFERENCE
INT
CLOCK
10-BIT
SAR
8
2
3
REF
4
SHDN
SCLK
CS
MAX1084
MAX1085
VDD
GND
Functional Diagram
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
TOP VIEW
1
2
3
4
8
7
6
5
SCLK
CS
DOUT
GND
REF
SHDN
AIN
VDD
SO
MAX1084
MAX1085


Similar Part No. - MAX1084AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1084AESA+ MAXIM-MAX1084AESA+ Datasheet
375Kb / 16P
400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
More results

Similar Description - MAX1084AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1080 MAXIM-MAX1080 Datasheet
550Kb / 24P
300ksps/400ksps, Single-Supply, Low-Power, 8-Channel, Serial 10-Bit ADCs with Internal Reference
19-1685; Rev 0; 5/00
MAX1082 MAXIM-MAX1082 Datasheet
315Kb / 24P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
19-1690 Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1282 MAXIM-MAX1282 Datasheet
310Kb / 24P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference
19-1688; Rev 0; 5/00
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
MAX1082 MAXIM-MAX1082_12 Datasheet
358Kb / 23P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
Rev 1; 9/12
MAX1082 MAXIM-MAX1082_V01 Datasheet
250Kb / 23P
300ksps/400ksps, Single-Supply, 4-Channel, Serial 10-Bit ADCs with Internal Reference
2014
MAX1084 MAXIM-MAX1084_V01 Datasheet
375Kb / 16P
400ksps/300ksps, Single-Supply, Low-Power, Serial 10-Bit ADCs with Internal Reference
2010
MAX1280 MAXIM-MAX1280_V01 Datasheet
450Kb / 24P
400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com