Electronic Components Datasheet Search
  English  ▼

X  

RB Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RB
Description  This series has high value of CV for general purposes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RB Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 7b
RB Series
(General Purposes) MERITEK
Aluminum Electrolytic Capacitors
Temperature(
C)
65
75
85
Multiplier 1.25
1.14
1.00
Frequency(Hz)
60
120
1K
 10k
W.V.
Multiplier
6.3~25V
0.85 1.00 1.10
1.20
35~100V
0.80 1.00 1.15
1.25
160~250V
0.75 1.00 1.25
1.40
350~450V
0.70 1.00 1.30
1.50
FEATURES
 This series has high value of CV for general purposes
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
- 25 ~ +85
C
Rated Working Voltage
6.3 ~ 100VDC
160 ~ 450VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
6.3 ~ 100 VDC
I
 0.01CV or 4 (A)
160 ~ 450 VDC
I
 0.03CV + 40 (A) max
*Whichever is greater after 3 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
S.V.
8
13
20
32
44
63
79
125
200
250
300
400
450
500
Dissipation Factor ( tan
 )
(120Hz 20
C)
add 0.02 per 1000uF for more than 1000uF
W.V.
6.3
10
16
25
35
50
63
100
160
200
250
350
400
450
tan
 0.22 0.19 0.16 0.14 0.12 0.10 0.10 0.08 0.15 0.15 0.15 0.20 0.20 0.20
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35~100
160~250
350~400
450
-25
C / +20C
4
3
2
2
2
3
6
15
-40
C / +20C
8
6
4
3
3
6
6
-
Load Life
After 2000 hours application of W.V. and +85
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage )
Capacitance Change
20% of initial value
Dissipation Factor
 150% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +85
C no voltage application after 1000 hours the capacitor shall meet the following limits.
( with voltage treatment )
Capacitance Change
20% of initial
Dissipation Factor
 200% of initial specified value
Leakage Current
 200% of initial specified value
PART NUMBER SYSTEM
RIPPLE CURRENT COEFFICIENTS
RB
50V
331 M TA 10x20
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros.
‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size
– (D) Diameter x (L) Length in mm (Optional)


Similar Description - RB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UVX1A331MPA ETC1-UVX1A331MPA Datasheet
321Kb / 2P
Standard series for general purposes
logo
Vishay Siliconix
TDFZ170229 VISHAY-TDFZ170229 Datasheet
223Kb / 3P
Pot Capacitors for Coupling Purposes
24-Jan-02
logo
List of Unclassifed Man...
MS3474L12-3P ETC1-MS3474L12-3P Datasheet
204Kb / 12P
For all general purposes in military ap plications
logo
Nichicon corporation
TVX1J332MDD NICHICON-TVX1J332MDD Datasheet
53Kb / 2P
Axial lead type of standard series for general purposes.
TVX1H101MAD NICHICON-TVX1H101MAD Datasheet
52Kb / 2P
Axial lead type of standard series for general purposes.
logo
MERITEK ELECTRONICS COR...
MI MERITEK-MI Datasheet
924Kb / 6P
For general purposes series with 7mm height
RT MERITEK-RT Datasheet
151Kb / 2P
Wide CV value range
logo
Kemet Corporation
PEH200HA5150MU2 KEMET-PEH200HA5150MU2 Datasheet
4Mb / 13P
High CV value
logo
Nichicon corporation
USA1A330MDD NICHICON-USA1A330MDD Datasheet
578Kb / 1P
7mmL, For General Purposes
logo
List of Unclassifed Man...
MBS3000 ETC-MBS3000 Datasheet
627Kb / 6P
Pressure transmitter for general industrial purposes
2017.09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com