Electronic Components Datasheet Search
  English  ▼

X  

RB Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # RB
Description  This series has high value of CV for general purposes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RB Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  RB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION RB Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. 7b
RB Series
(General Purposes) MERITEK
Aluminum Electrolytic Capacitors
0.47
Case size
: DxL
(mm)
Max. ripple current
: mA(rms) 85
C 120Hz
DIMENSIONS (mm)
D
5
6.3
8
10
12.5
16
18
22
25
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
10.0 12.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
1.0
1.0
α
1.5
1.5
1.5
1.5
1.5
1.5
1.5
2.0
2.0
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
47
5x11
130
100
5x11
160
5x11
170
6.3x11
210
220
5x11
240
5x11
250
6.3x11
310
6.3x11
270
6.3x11
290
8x11.5
370
330
6.3x11
330
6.3x11
350
8x11.5
450
8x11.5
380
8x11.5
410
10x12.5
470
470
6.3x11
390
6.3x11
420
8x11.5
540
8x11.5
460
8x11.5
490
10x12.5
560
1000
8x11.5
670
10x12.5
760
10x16
920
10x12.5
700
10x16
840
10x20
1010
2200
10x16
1110
10x20
1310
12.5x20
1510
10x20
1220
12.5x20
1390
12.5x25
1660
3300
10x20
1440
12.5x20
1630
12.5x25
1930
12.5x20
1530
12.5x25
1800
16x25
1940
4700
12.5x20
1730
12.5x25
2020
16x25
2160
12.5x25
1910
16x25
2030
16x31.5
2390
6800
12.5x25
2160
16x25
2270
16x31.5
2650
16x25
2170
16x31.5
2510
18x35.5
2980
8200
16x25
2280
16x31.5
2630
16x35.5
2910
16x31.5
2520
18x35.5
2960
18x40
3280
10000
16x25
2390
16x35.5
2900
18x35.5
3230
16x31.5
2640
18x35.5
3090
18x40
3400
15000
16x35.5
3050
18x35.5
3360
22x40
4090
18x35.5
3260
18x40
3540
22x50
4520
22000
18x40
3680
22x50
4650
25x50
5120
Cap.
(uF)
V
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.01~0.47

5x11
13
1

5x11
24
2.2

5x11
35
3.3

5x11
43
4.7

5x11
50
10
5x11
60
5x11
70
5x11
75
22
5x11
95
5x11
100
5x11
110
All blank voltage on sleeve marking is the same voltage as "" point to.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com