Electronic Components Datasheet Search
  English  ▼

X  

MAX1108CUB Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1108CUB
Description  Single-Supply, Low-Power, 2-Channel, Serial 8-Bit ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1108CUB Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1108CUB Datasheet HTML 1Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 2Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 3Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 4Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 5Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 6Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 7Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 8Page - Maxim Integrated Products MAX1108CUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Single-Supply, Low-Power,
2-Channel, Serial 8-Bit ADCs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—MAX1109 (continued)
(VDD = +4.5V to +5.5V; unipolar input mode; COM = GND, fSCLK = 500kHz, external clock (50% duty cycle); 10 clocks/conversion
cycle (50ksps); 1µF capacitor at REF, external +4.096V reference at REF; TA = TMIN to TMAX; unless otherwise noted. Typical values
are at TA = +25°C.)
ps
<50
Aperture Jitter
ns
10
Aperture Delay
kHz
400
Internal Clock Frequency
0 to 0.5mA (Note 7)
ppm/°C
±50
REF Tempco
mA
CONDITIONS
5
IREFSC
REF Short-Circuit Current
mV
2.5
Load Regulation
kHz
50
500
V
V
3.936
4.096
4.256
VREF
Output Voltage
+4.096V at REF, full scale,
500kHz external clock
µA
1
20
Input Current
1.0
VDD + 0.05
Input Voltage Range
µF
1
Capacitive Bypass at REF
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
External clock, 2MHz
dB
SINAD
Signal-to-Noise Plus Distortion
49
µs
1
tACQ
Track/Hold Acquisition Time
External clock, 500kHz, 10 sclks/conv
Internal clock
µs
20
tCONV
Conversion Time (Note 5)
35
SFDR
Spurious Free Dynamic Range
dB
dB
68
THD
Total Harmonic Distortion
(up to the 5th harmonic)
-70
Full-Power Bandwidth
MHz
Unipolar input, VCOM = 0
0
VREF
-3dB rolloff
MHz
0.8
BW-3dB
Small-Signal Bandwidth
1.5
VCH_
Input Voltage Range (Note 4)
V
Multiplexer Leakage Current
µA
On/off-leakage current,
VCH = 0 or VDD
±0.01
±1
pF
CIN
Input Capacitance
18
Bipolar input, VCOM or VCH1 = VREF / 2,
referenced to COM or CH1
±VREF / 2
MHz
2
External Clock Frequency Range
DYNAMIC PERFORMANCE (10kHz sine-wave input, 4.096Vp-p, 50ksps, 500kHz external clock)
ANALOG INPUTS
TRACK/HOLD
EXTERNAL REFERENCE
INTERNAL REFERENCE
For data transfer only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com